Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTW001A3B Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # SSTW001A3B
Description  36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW001A3B Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button SSTW001A3B Datasheet HTML 7Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 8Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 9Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 10Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 11Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 12Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 13Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 14Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 15Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
GE
Data Sheet
SSTW001A3B Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 12Vdc, 1.3A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 11
Surface Mount Information (continued)
Post Solder Cleaning and Drying Considerations
Post solder cleaning is usually the final circuit board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect both the
reliability of a power module and the testability of the
finished circuit board assembly. For guidance on
appropriate soldering, cleaning and drying procedures, refer
to Lineage Power Board Mounted Power Modules:
Soldering and Cleaning
Application Note (AN04-001).
Layout Recommendations
Dimensions are in millimeters and [inches].
Tolerances: x.x mm  0.5 mm [x.xx in.  0.02 in.] (unless otherwise indicated)
x.xx mm  0.25 mm [x.xxx in  0.010 in.]
SMT Layout
Through Hole Layout


Similar Part No. - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41Z LINEAGEPOWER-SSTW003A0A41Z Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

Similar Description - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com