Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTW005A0F41Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # SSTW005A0F41Z
Description  36-75Vdc Input; 3.3Vdc, 5A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW005A0F41Z Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button SSTW005A0F41Z Datasheet HTML 3Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 4Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 5Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 6Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 7Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 8Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 9Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 10Page - Lineage Power Corporation SSTW005A0F41Z Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GE
Data Sheet
SSTW005A0F Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 5A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 7
Feature Description
Remote On/Off
Two remote on/off options are available. Positive logic turns
the module on during a logic high voltage on the on/off pin,
and off during a logic low. Negative logic remote on/off, device
code suffix “1”, turns the module off during a logic high and on
during a logic low.
ON/OFF
Vin+
Vin-
Ion/off
Von/off
Vout+
TRIM
Vout-
Figure 10. Circuit configuration for using Remote On/Off
Implementation.
To turn the power module on and off, the user must supply a
switch (open collector or equivalent) to control the voltage
(Von/off) between the ON/OFF terminal and the VIN(-) terminal.
Logic low is 0V ≤ Von/off ≤ 0.8V. The maximum Ion/off during a
logic low is 1mA, the switch should be maintain a logic low
level whilst sinking this current.
During a logic high, the typical Von/off generated by the module
is 2.4V, and the maximum allowable leakage current at Von/off =
2.4V is 25μA.
If not using the remote on/off feature:
For positive logic, leave the ON/OFF pin open.
For negative logic, short the ON/OFF pin to VIN(-).
Overcurrent Protection
To provide protection in a fault (output overload) condition, the
unit is equipped with internal current-limiting circuitry and can
endure current limiting continuously. At the point of
current-limit inception, the unit enters hiccup mode. The unit
operates normally once the output current is brought back into
its specified range. The average output current during hiccup
is 10% IO, max.
Overtemperature Protection
To provide protection under certain fault conditions, the unit is
equipped with a thermal shutdown circuit. The unit will
shutdown if the thermal reference point Tref (Figure 16),
exceeds 125oC (typical), but the thermal shutdown is not
intended as a guarantee that the unit will survive
temperatures beyond its rating. The module will automatically
restart upon cool-down to a safe temperature.
Input Undervoltage Lockout
At input voltages below the input undervoltage lockout limit,
the module operation is disabled. The module will only begin
to operate once the input voltage is raised above the
undervoltage lockout turn-on threshold, VUV/ON. Once
operating, the module will continue to operate until the input
voltage is taken below the undervoltage turn-off threshold,
VUV/OFF.
Over Voltage Protection
The output overvoltage protection consists of circuitry that
independently monitors the output voltage, and shuts the
module down if the output voltage exceeds specified limits.
The module shall contain hiccup restart capability.
Output Voltage Programming
Trimming allows the user to increase or decrease the output
voltage set point of the module. This is accomplished by
connecting an external resistor between the TRIM pin and
either the Vout+ pin or the Vout- pin.
Trim Down – Decrease Output Voltage
By connecting an external resistor between the TRIM pin and
Vout+ pin (Radj-down), the output voltage set point decreases
(see figure 11). The following equation determines the external
resistor value to obtain an output voltage change from Vo,nom
to the desired Vo,adj:
H
V
V
G
V
R
adj
o
nom
o
adj
o
down
adj
)
(
)
5
.
2
(
,
,
,
Note: Values for G and H are defined in Table 1.
Table 1. Trim Constants SSTW series
Vout+
TRIM
Vout-
Radj-down
RLOAD
Vin+
ON/OFF
Vin-
Figure 11. Circuit Configuration to Decrease Output Voltage.
Trim Up – Increase Output Voltage
By connecting an external resistor between the TRIM pin and
Vout- pin (Radj-up), the output voltage set point increases (see
figure 12). The following equation determines the external
resistor value to obtain an output voltage change from Vo,nom
to the desired Vo,adj:
H
K
V
G
R
adj
o
up
adj
)
5
.
2
(
5
.
2
,
Note: Values for G, H and K are defined in Table 1.
The combination of the output voltage adjustment and the
output voltage initial tolerance must not exceed the allowable
trim range of 90% to 110% of the nominal output voltage as
measured between the Vout+ and Vout- pins.
Module
G
H
K
SSTW005A0F
5110
2050
0.8


Similar Part No. - SSTW005A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
More results

Similar Description - SSTW005A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com