Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTW005A0F41SRZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # SSTW005A0F41SRZ
Description  36-75Vdc Input; 3.3Vdc, 5A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW005A0F41SRZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button SSTW005A0F41SRZ Datasheet HTML 2Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 3Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 4Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 5Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 6Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 7Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 8Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 9Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GE
Data Sheet
SSTW005A0F Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 5A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 6
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
12μH
CS
220μF
E.S.R.<0.1
@ 20°C 100kHz
33μF
Vin+
Vin-
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 12μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 7. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
V O(–)
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 8. Output Ripple and Noise Test Setup.
Vout+
Vout-
Vin+
Vin-
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 9. Output Voltage and Efficiency Test Setup.
 =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. Highly inductive source impedance can
affect the stability of the power module. For the test
configuration in Figure 7, a 33μF electrolytic capacitor
(ESR<0.7 at 100kHz), mounted close to the power module
helps ensure the stability of the unit. Consult the factory for
further application guidelines.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in
compliance with the spacing and separation requirements of
the end-use safety agency standard, i.e., UL 60950-1-3, CSA
C22.2 No. 60950-00, and VDE 0805 (IEC60950, 3rd Edition).
If the input source is non-SELV (ELV or a hazardous voltage
greater than 60 Vdc and less than or equal to 75Vdc), for the
module’s output to be considered as meeting the requirements
for safety extra-low voltage (SELV), all of the following must be
true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages, including
the ac mains.
One VIN pin and one VOUT pin are to be grounded, or both
the input and output pins are to be kept floating.
The input pins of the module are not operator accessible.
Another SELV reliability test is conducted on the whole
system (combination of supply source and subject
module), as required by the safety agencies, to verify that
under a single fault, hazardous voltages do not appear at
the module’s output.
Note: Do not ground either of the input pins of the module
without grounding one of the output pins. This may
allow a non-SELV voltage to appear between the
output pins and ground.
The power module has extra-low voltage (ELV) outputs when
all inputs are ELV.
For input voltages exceeding –60 Vdc but less than or equal to
–75 Vdc, these converters have been evaluated to the
applicable requirements of BASIC INSULATION between
secondary DC MAINS DISTRIBUTION input (classified as TNV-2
in Europe) and unearthed SELV outputs.
The input to these units is to be provided with a maximum 3A
time-delay fuse in the ungrounded lead.


Similar Part No. - SSTW005A0F41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
More results

Similar Description - SSTW005A0F41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com