Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8863003VKA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5962-8863003VKA
Description  MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5962-8863003VKA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5962-8863003VKA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-8863003VKA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88630
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
G
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Common mode rejection
CMR
VCM = ±10 V, 1 kΩ
source imbalance, G = 1000
1
01, 03
125
dB
VCM = ±10 V, 1 kΩ
source imbalance, G = 100
120
VCM = ±10 V, 1 kΩ
source imbalance, G = 10
100
VCM = ±10 V, 1 kΩ
source imbalance, G = 1
85
VCM = ±10 V, 1 kΩ
source imbalance, G = 1000
2, 3
120
VCM = ±10 V, 1 kΩ
source imbalance, G = 100
115
VCM = ±10 V, 1 kΩ
source imbalance, G = 10
95
VCM = ±10 V, 1 kΩ
source imbalance, G = 1
80
VCM = ±10 V, 1 kΩ
source imbalance, G = 1000
1
02
115
VCM = ±10 V, 1 kΩ
source imbalance, G = 100
110
VCM = ±10 V, 1 kΩ
source imbalance, G = 10
95
VCM = ±10 V, 1 kΩ
source imbalance, G = 1
75
VCM = ±10 V, 1 kΩ
source imbalance, G = 1000
2, 3
110
VCM = ±10 V, 1 kΩ
source imbalance, G = 100
105
VCM = ±10 V, 1 kΩ
source imbalance, G = 10
90
VCM = ±10 V, 1 kΩ
source imbalance, G = 1
75
See footnote at end of table.


Similar Part No. - 5962-8863003VKA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8863001VA AD-5962-8863001VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-88630023A AD-5962-88630023A Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-8863002VA AD-5962-8863002VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results

Similar Description - 5962-8863003VKA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD625JNZ ETC-AD625JNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-90737 ETC1-5962-90737 Datasheet
138Kb / 15P
   MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Solitron Devices Inc.
SDP117 SOLITRON-SDP117 Datasheet
98Kb / 14P
   MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com