Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX38-2-3 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # BPX38-2-3
Description  Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX38-2-3 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button BPX38-2-3 Datasheet HTML 2Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 3Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 4Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 5Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 6Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 7Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 8Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 9Page - OSRAM GmbH BPX38-2-3 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2014-01-14
6
Version 1.1
BPX 38
Photocurrent
Fotostrom
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
Dark Current
Dunkelstrom
ICEO = f(VCE), E = 0
Dark Current
Dunkelstrom
ICEO/ICEO(25°) = f(TA), VCE = 25 V, E = 0
Collector-Base Capacitance
Kollektor-Basis Kapazität
CCB = f(VCB), f = 1 MHz, E = 0


Similar Part No. - BPX38-2-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX38-2 SIEMENS-BPX38-2 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - BPX38-2-3

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
SFH310-2-3 OSA-SFH310-2-3 Datasheet
230Kb / 11P
   Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com