Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5397 Datasheet(PDF) 2 Page - Bytes

Part # 1N5397
Description  1.5 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

1N5397 Datasheet(HTML) 2 Page - Bytes

  1N5397 Datasheet HTML 1Page - Bytes 1N5397 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (1N5391 THRU 1N5399)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.3
0
0.6
0.9
1.2
1.5
1.8
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0 1.1 1.2 1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD


Similar Part No. - 1N5397

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1N5397 UNIOHM-1N5397 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N5397 PANJIT-1N5397 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5397 TSC-1N5397 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Diodes Incorporated
1N5397 DIODES-1N5397 Datasheet
58Kb / 2P
   1.5A RECTIFIER
DS28003 Rev. D-2
logo
Galaxy Semi-Conductor H...
1N5397 BILIN-1N5397 Datasheet
281Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N5397

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N5391 FORMOSA-1N5391 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
RL151 FORMOSA-RL151 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5391 GWSEMI-1N5391 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5391 UNIOHM-1N5391 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
RL151 GWSEMI-RL151 Datasheet
64Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Bytes
RL151 BYTES-RL151 Datasheet
150Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Nanjing International G...
RL151 DGNJDZ-RL151 Datasheet
430Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5391 SECOS-1N5391_15 Datasheet
233Kb / 2P
   1.5 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5391 DGNJDZ-1N5391 Datasheet
293Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
J05 UNIOHM-J05 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com