Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BX6559 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX6559
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX6559 Datasheet(HTML) 1 Page - API Technologies Corp

  BX6559 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+52 dBm (Typ.)
Second Order Two Tone Intercept Point.........+46 dBm (Typ.)
Third Order Two Tone Intercept Point.............+37 dBm (Typ.)
Power
Vdc
+15
+15 Min.
mA
88
98 Max.
RF AMPLIFIER
MODEL TM6559
Features
nHigh OutputPower: +22 dBm Typical
nGain:11.5 dB Typical
nOperating Temp. - 55 ºC to +85 ºC
nEnvironmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
5.5
7.0 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-15
-
Power @ 1 dB
Comp. (dBm)
22
20 Min.
Gain (dB)
11.5
10 Min.
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Revision 11-21-2013
Frequency
5-500 MHz
5-500 MHz
Available as:
TM6559, 4 Pin TO-8 (T4)
TN6559, 4 Pin .450” Sq. Surface Mount (SM3)
FP6559, 4 Pin Flatpack (FP4)
BX6559, SMA Connectorized Housing (H1)
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
5
50
100
200
300
400
500
.31
.05
.06
.08
.11
.15
.19
- 51
-112
-121
-121
-127
-134
-142
3.70
3.65
3.66
3.66
3.65
3.67
3.66
-154
175
166
149
133
117
101
.12
.16
.16
.16
.17
.17
.17
32
2
-1
- 2
- 5
-8
-12
.39
.07
.07
.09
.11
.14
.16
113
110
102
81
71
59
49
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com
2.0
1.5
1.0
2.0
1.5
1.0
3
7
6
5
4
12
11
10
+24
+23
+22
+21
+20
0
- 10
- 20
- 30
- 40
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR


Similar Part No. - BX6559

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX6559PM APITECH-BX6559PM Datasheet
50Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BX6559

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com