Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS123L6327HTSA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSS123L6327HTSA1
Description  SIPMOS??Small-Signal-Transistor Feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS123L6327HTSA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSS123L6327HTSA1 Datasheet HTML 1Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 2Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 3Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 4Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 5Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 6Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 7Page - Infineon Technologies AG BSS123L6327HTSA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2010-05-12
Page 2
Rev. 1.41
BSS123
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - ambient
at minimum footprint
RthJA
-
-
350
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0, ID=250µA
V(BR)DSS
100
-
-
V
Gate threshold voltage, VGS = VDS
ID=50µA
VGS(th)
0.8
1.4
1.8
Zero gate voltage drain current
VDS=100V, VGS=0, Tj=25°C
VDS=100V, VGS=0, Tj=150°C
IDSS
-
-
-
-
0.01
5
µA
Gate-source leakage current
VGS=20V, VDS=0
IGSS
-
-
10
nA
Drain-source on-state resistance
VGS=4.5V, ID=0.13A
RDS(on)
-
4
10
Drain-source on-state resistance
VGS=10V, ID=0.17A
RDS(on)
-
3
6


Similar Part No. - BSS123L6327HTSA1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS123L ONSEMI-BSS123L Datasheet
1Mb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
November, 2021 ??Rev. 2
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Motorola, Inc
BSS123LT1 MOTOROLA-BSS123LT1 Datasheet
93Kb / 4P
   TMOS FET Transistor(N-Channel)
logo
ON Semiconductor
BSS123LT1 ONSEMI-BSS123LT1 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
BSS123LT1D ONSEMI-BSS123LT1D Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - BSS123L6327HTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP316PE6327 INFINEON-BSP316PE6327 Datasheet
440Kb / 8P
   SIPMOS Small-Signal-Transistor Feature
Rev.1.8 2012-11-26
SN7002N INFINEON-SN7002N_09 Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com