Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR605 Datasheet(PDF) 2 Page - Bytes

Part # BR605
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

BR605 Datasheet(HTML) 2 Page - Bytes

  BR605 Datasheet HTML 1Page - Bytes BR605 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (BR605 THRU BR610)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
3
4
5
6
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
0
25
50
75
100 125 150 175
Tj=25 C
Tj=25 C
0
50
25
75
125
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
CASE TEMPERATURE,( C)
0
20
40
60
80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0


Similar Part No. - BR605

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR605 LUGUANG-BR605 Datasheet
158Kb / 2P
   Silicon Bridge Rectifiers
logo
Dc Components
BR605 DCCOM-BR605 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
WILLAS ELECTRONIC CORP
BR605 WILLAS-BR605 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - BR605

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ601 UNIOHM-KBJ601 Datasheet
66Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS601 FORMOSA-RS601 Datasheet
31Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBJ601 GWSEMI-KBJ601 Datasheet
67Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com