Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5243FVE-TR Datasheet(PDF) 8 Page - Rohm

Part # BD5243FVE-TR
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5243FVE-TR Datasheet(HTML) 8 Page - Rohm

Back Button BD5243FVE-TR Datasheet HTML 4Page - Rohm BD5243FVE-TR Datasheet HTML 5Page - Rohm BD5243FVE-TR Datasheet HTML 6Page - Rohm BD5243FVE-TR Datasheet HTML 7Page - Rohm BD5243FVE-TR Datasheet HTML 8Page - Rohm BD5243FVE-TR Datasheet HTML 9Page - Rohm BD5243FVE-TR Datasheet HTML 10Page - Rohm BD5243FVE-TR Datasheet HTML 11Page - Rohm BD5243FVE-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Datasheet
8/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Typical Performance Curves – continued
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
VDD SUPPLY VOLTAGE
VDD[V]
【BD 5242G/FVE】
Fig.7 Operating Limit Voltage
Fig.8 CT Terminal Current
0
50
100
150
200
250
300
350
400
450
0
1
2
3
4
5
VDD SUPPLY VOLTAGE
VDD[V]
【BD 5242G/FVE】
3.2
3.6
4.0
4.4
4.8
5.2
5.6
-40
0
40
80
TEMPERATURE
Ta[
]
Low to high(VDET+
Δ
VDET)
High to low(VDET)
【BD 5242G/FVE】
Fig.9 Detection Voltage
Release Voltage
0.0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
TEMPERATURE
Ta[
]
【BD 5242G/FVE】
Fig.10 Circuit Current when ON
BD5242
BD5342
BD5242
BD5342
BD5242
BD5342
BD5242
BD5342


Similar Part No. - BD5243FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5243FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com