Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCCH-080X240 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCH-080X240
Description  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-080X240 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-080X240 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-080X240 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
Power Supply
208.4 * 72 * 38.55 mm【8.2 * 2.83 * 1.52 inch】
LCCH-080 240
PLCCH0080 240
Model Name
SIZE
Reference
Unit :mm【inch】
Dimensions
DERATE
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - LCCH-080X240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X300 LINKCOM-LCCH-080X300 Datasheet
132Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X360 LINKCOM-LCCH-080X360 Datasheet
132Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X420 LINKCOM-LCCH-080X420 Datasheet
132Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X480 LINKCOM-LCCH-080X480 Datasheet
130Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

Similar Description - LCCH-080X240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com