Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS249 Datasheet(PDF) 2 Page - Motorola, Inc

Part # SN74LS249
Description  BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS249 Datasheet(HTML) 2 Page - Motorola, Inc

  SN74LS249 Datasheet HTML 1Page - Motorola, Inc SN74LS249 Datasheet HTML 2Page - Motorola, Inc SN74LS249 Datasheet HTML 3Page - Motorola, Inc SN74LS249 Datasheet HTML 4Page - Motorola, Inc SN74LS249 Datasheet HTML 5Page - Motorola, Inc SN74LS249 Datasheet HTML 6Page - Motorola, Inc SN74LS249 Datasheet HTML 7Page - Motorola, Inc SN74LS249 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5-403
FAST AND LS TTL DATA
SN54/74LS247
• SN54/74LS248 • SN54/74LS249
SN54 / 74LS247
(TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
B
f
g
a
b
d
c
e
C
LAMP
TEST
RB
OUT
PUT
RB
IN
PUT
D
A
GND
INPUTS
INPUTS
OUTPUTS
f g a b c d e
B C LT RBORBI D A
BI/
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
B
f
g
a
b
d
c
e
C
LAMP
TEST
RB
OUT
PUT
RB
IN
PUT
D
A
GND
INPUTS
INPUTS
OUTPUTS
f g a b c d e
B C LT RBORBI D A
BI/
SN54 / 74LS248
SN54 / 74LS259
(TOP VIEW)
ALL CIRCUIT TYPES FEATURE LAMP INTENSITY MODULATION CAPABILITY
DRIVER OUTPUTS
TYPICAL
POWER
DISSIPATION
TYPE
ACTIVE
LEVEL
OUTPUT
CONFIGURATION
SINK
CURRENT
MAX
VOLTAGE
TYPICAL
POWER
DISSIPATION
SN54LS247
low
open-collector
12 mA
15 V
35 mW
SN54LS248
high
2.0 k
Ω pull-up
2.0 mA
5.5 V
125 mW
SN54LS249
high
open-collector
4.0 mA
5.5 V
40 mW
SN74LS247
low
open-collector
24 mA
15 V
35 mW
SN74LS248
high
2.0 k
Ω pull-up
6.0 mA
5.5 V
125 mW
SN74LS249
high
open-collector
8.0 mA
5.5 V
40 mW
INPUT
A
(7)
INPUT
B
INPUT
C
(1)
(2)
(6)
INPUT
D
(4)
BI/RBO
BLANKING
INPUT OR
RIPPLEBLANKING
OUTPUT
LAMP TEST
INPUT
(3)
RBI
RIPPLEBLANKING
INPUT
(5)
OUTPUT
(13)
a
(12) OUTPUT
b
(11) OUTPUT
c
(10) OUTPUT
d
(9)
OUTPUT
e
(15) OUTPUT
f
(14) OUTPUT
g
INPUT
A
(7)
INPUT
B
INPUT
C
(1)
(2)
(6)
INPUT
D
(4)
BLANKING
INPUT OR
RIPPLEBLANKING
OUTPUT
LAMP TEST
INPUT
(3)
RIPPLEBLANKING
INPUT
(5)
OUTPUT
(13)
a
(12) OUTPUT
b
(11) OUTPUT
c
(10) OUTPUT
d
(9)
OUTPUT
e
(15) OUTPUT
f
(14) OUTPUT
g
LOGIC DIAGRAM
LS247
LS248, LS249


Similar Part No. - SN74LS249

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS240 ONSEMI-SN74LS240 Datasheet
122Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS240 TI-SN74LS240 Datasheet
247Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
ON Semiconductor
SN74LS240 ONSEMI-SN74LS240 Datasheet
65Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
August, 2000 ??Rev. 7
logo
Texas Instruments
SN74LS240 TI-SN74LS240 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI1-SN5446A_15 Datasheet
1Mb / 26P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN7447ANE4 TI1-SN7447ANE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DR TI1-SN74LS47DR Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NSR TI-SN74LS247NSR Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI-SN5446A Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS447 TI-SN54LS447 Datasheet
159Kb / 3P
[Old version datasheet]   BCD-TO-SEVEN-DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com