Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE68 Datasheet(PDF) 1 Page - Bytes

Part # P4KE68
Description  400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

P4KE68 Datasheet(HTML) 1 Page - Bytes

  P4KE68 Datasheet HTML 1Page - Bytes P4KE68 Datasheet HTML 2Page - Bytes P4KE68 Datasheet HTML 3Page - Bytes P4KE68 Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at T =25 C, T =1ms(NOTE 1)
P
Minimum 400
Watts
A
P
PK
Steady State Power Dissipation at T =75 C
L
Lead Length .375"(9.5mm) (NOTE 2)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
superimposed on rated load (JEDEC method) (NOTE 3)
Operating and Storage Temperature Range
T , T
-55 to +175
C
J
STG
* 400 Watts Surge Capability at 1ms
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
length, 5lbs.(2.3kg) tension
260 C / 10 seconds / .375"(9.5mm) lead
* Typical I less than 1 A above 10V
R
µ
* Fast response time: Typically less than
* Low zener impedance
* Excellent clamping capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
P4KE SERIES
*
VOLTAGE RANGE
6.8 to 440 Volts
400 Watts Peak Power
1.0 Watts Steady State
P
1.0
Watts
D
I
40
Amps
FSM
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above T =25 C per Fig. 2.
2. Mounted on Copper Pad area of 1.6" X 1.6" (40mm X 40mm) per Fig.5.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
A
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types P4KE6.8 thru P4KE440.
2. Electrical characteristics apply in both directions.
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at T =25 C, T =1ms(NOTE 1)
P
Minimum 400
Watts
A
P
PK
Steady State Power Dissipation at T =75 C
L
Lead Length .375"(9.5mm) (NOTE 2)
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
superimposed on rated load (JEDEC method) (NOTE 3)
Operating and Storage Temperature Range
T , T
-55 to +175
C
J
STG
P
1.0
Watts
D
I
40
Amps
FSM


Similar Part No. - P4KE68

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE68 PANJIT-P4KE68 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE68 YFWDIODE-P4KE68 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Shenzhen Luguang Electr...
P4KE68 LUGUANG-P4KE68 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE68 DIOTEC-P4KE68 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE68 LUGUANG-P4KE68 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE68

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com