Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCVH-200X240 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # LCVH-200X240
Description  AC Input 90~305Vac SCP / OTP / OVP / OCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCVH-200X240 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCVH-200X240 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCVH-200X240 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
Power Supply
264.4 * 74 * 43.55 mm【9.7 * 2.91 * 1.71 inch】
LCVH-200 240
PLCVH0200 240
Model Name
SIZE
Reference
Unit :mm【inch】
Dimensions
DERATE
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - LCVH-200X240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCVH-200X360 LINKCOM-LCVH-200X360 Datasheet
109Kb / 2P
   AC Input 90~305Vac OVP / OTP / OPP / SCP
LCVH-200X420 LINKCOM-LCVH-200X420 Datasheet
109Kb / 2P
   AC Input 90~305Vac OVP / OTP / OPP / SCP
LCVH-200X480 LINKCOM-LCVH-200X480 Datasheet
109Kb / 2P
   AC Input 90~305Vac OVP / OTP / OPP / SCP
More results

Similar Description - LCVH-200X240

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCVE-060X125 LINKCOM-LCVE-060X125 Datasheet
214Kb / 2P
   AC Input 90~305Vac SCP / OVP / OTP / OCP
LCVH-120X480 LINKCOM-LCVH-120X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-080X240 LINKCOM-LCVH-080X240 Datasheet
131Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-150X240 LINKCOM-LCVH-150X240 Datasheet
142Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP / OCP
LCVH-100X120 LINKCOM-LCVH-100X120 Datasheet
146Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-100X240 LINKCOM-LCVH-100X240 Datasheet
147Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-120X240 LINKCOM-LCVH-120X240 Datasheet
144Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
LCVH-150X480 LINKCOM-LCVH-150X480 Datasheet
145Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP / OCP
LCVE-060X240 LINKCOM-LCVE-060X240 Datasheet
98Kb / 2P
   AC Input 90~305Vac SCP / OVP / OTP / OCP
LCVH-080X480 LINKCOM-LCVH-080X480 Datasheet
131Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP / OCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com