Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDP10A03X Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HDP10A03X
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HDP10A03X Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HDP10A03X Datasheet HTML 1Page - SemiHow Co.,Ltd. HDP10A03X Datasheet HTML 2Page - SemiHow Co.,Ltd. HDP10A03X Datasheet HTML 3Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◎ SEMIHOW REV.A0,Nov 2010
Thermal Resistance Characteristics
Maximum Ratings
TO-220AB
Symbol
Parameter
Value
Units
03
035
04
045
05
06
V
RRM
Peak Repetitive Reverse Voltage
30
35
40
45
50
60
V
V
RWM
Working Peak Reverse Voltage
V
R
DC Blocking Voltage
V
R(RMS)
R.M.S Reverse Voltage
21
25
28
32
35
42
V
I
F(AV)
Average Rectifier Forward Current
- Total Device (Rated V
R), TC=125℃
5.0
A
10
A
I
FM
Peak Repetitive Forward Current
(Rate V
R, Square Wave, 20kHz)
10
A
I
FSM
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions half ware, single phase, 60Hz)
125
A
T
J, TSTG
Operating and Storage Temperature Range
-65 to +150
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
4.2
℃/W
Symbol
Parameter
Value
Units
03
035
04
045
05
06
V
F
Maximum Instantaneous Forward Voltage
- ( IF =5.0 Amp TC = 25℃)
- ( IF =5.0 Amp TC = 100℃)
0.55
0.47
0.65
0.55
V
I
R
Maximum Instantaneous Reverse Current
- ( Rated DC Voltage, TC = 25℃)
- ( Rated DC Voltage, TC = 125℃)
0.5
20
mA
Electrial Characteristics
 Low Forward Voltage.
 Low Switching noise.
 High Current Capacity
 Guarantee Reverse Avalanche.
 Guard-Ring for Stress Protection.
 Low Power Loss & High efficiency.
 150℃ Operating Junction Temperature
 Low Stored Charge Majority Carrier Conduction.
 Plastic Material used Carries Underwriters Laboratory
 Flammability Classification 94V-O
 ESD: 8KV(Min.) Human-Body Model
 In compliance with EU RoHs 2002/95/EC directives
FEATURES
HDP10A03x Thru HDP10A06x
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes.
30-60 VOLTS
10 AMPERES
2
1
3
JAN 2010


Similar Part No. - HDP10A03X

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDP10A15 SEMIHOW-HDP10A15 Datasheet
518Kb / 3P
   Schottky Barrier Rectifiers
HDP10A20 SEMIHOW-HDP10A20 Datasheet
511Kb / 3P
   Plastic Material used Carries Underwriters Laboratory
More results

Similar Description - HDP10A03X

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com