Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDS20A03X Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HDS20A03X
Description  SwitchmodeFull Plastic Dual Schottky Barrier Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HDS20A03X Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HDS20A03X Datasheet HTML 1Page - SemiHow Co.,Ltd. HDS20A03X Datasheet HTML 2Page - SemiHow Co.,Ltd. HDS20A03X Datasheet HTML 3Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◎ SEMIHOW REV.A0,Nov 2010
Maximum Ratings
Symbol
Parameter
Value
Units
03
035
04
045
05
06
V
RRM
Peak Repetitive Reverse Voltage
30
35
40
45
50
60
V
V
RWM
Working Peak Reverse Voltage
V
R
DC Blocking Voltage
V
R(RMS)
R.M.S Reverse Voltage
21
25
28
32
35
42
V
I
F(AV)
Average Rectifier Forward Current
- Total Device (Rated V
R), TC=100℃
10
A
20
A
I
FM
Peak Repetitive Forward Current
(Rate V
R, Square Wave, 20kHz)
20
A
I
FSM
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions half ware, single phase, 60Hz)
200
A
T
J, TSTG
Operating and Storage Temperature Range
-65 to +125
Symbol
Parameter
Value
Units
03
035
04
045
05
06
V
F
Maximum Instantaneous Forward Voltage
- ( IF =10 Amp TC = 25℃)
- ( IF =10 Amp TC = 100℃)
0.55
0.48
0.65
0.57
V
I
R
Maximum Instantaneous Reverse Current
- ( Rated DC Voltage, TC = 25℃)
- ( Rated DC Voltage, TC = 125℃)
1.0
30
mA
Electrial Characteristics
• Low Forward Voltage.
• Low Switching noise.
• High Current Capacity
• Guarantee Reverse Avalanche.
• Guard-Ring for Stress Protection.
• Low Power Loss & High efficiency.
• 125℃ Operating Junction Temperature
• Low Stored Charge Majority Carrier Conduction.
• Plastic Material used Carries Underwriters Laboratory
FEATURES
HDS20A03x Thru HDS20A06x
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes.
30-60 VOLTS
20 AMPERES
2
1
3
ITO-220AB
JAN 2010


Similar Part No. - HDS20A03X

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDS20A10 SEMIHOW-HDS20A10 Datasheet
542Kb / 3P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - HDS20A03X

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRF2060CL MOSPEC-SRF2060CL Datasheet
162Kb / 2P
   Plastic Dual Schottky Barrier Power Rectifiers
logo
SemiHow Co.,Ltd.
HDS10U30X SEMIHOW-HDS10U30X Datasheet
561Kb / 3P
   SwitchmodeFull Plastic Dual Ultrafast Power Rectifier
logo
Mospec Semiconductor
MBRF30200CK MOSPEC-MBRF30200CK Datasheet
164Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CL MOSPEC-MBRF30200CL Datasheet
155Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10100CK MOSPEC-MBRF10100CK Datasheet
152Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10150C MOSPEC-MBRF10150C Datasheet
141Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF2030C MOSPEC-MBRF2030C Datasheet
146Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30100CL MOSPEC-MBRF30100CL Datasheet
147Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10120CK MOSPEC-MBRF10120CK Datasheet
156Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20120C MOSPEC-MBRF20120C Datasheet
159Kb / 2P
   Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com