Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP400212001 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # LSP400212001
Description  AC Input 90~264Vac SCP / OVP / OCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LSP400212001 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LSP400212001 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LSP400212001 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
LED Power Supply
132.5 * 58 * 37 mm【5.22 * 2.28 * 1.46 inch】
LSP400212001
PLSP400212001
Model Name
SIZE
Reference
Dimensions
Unit
:mm【inch】
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - LSP400212001

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP400212001 LINKCOM-LSP400212001 Datasheet
450Kb / 4P
   LED Power Supply
LSP400212001-50 LINKCOM-LSP400212001-50 Datasheet
119Kb / 2P
   AC TO DC LED POWER SUPPLY
More results

Similar Description - LSP400212001

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP200212002 LINKCOM-LSP200212002_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP600212001 LINKCOM-LSP600212001 Datasheet
111Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP600224001 LINKCOM-LSP600224001 Datasheet
113Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP200224001 LINKCOM-LSP200224001_14 Datasheet
112Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP200228001 LINKCOM-LSP200228001_14 Datasheet
109Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP400224001 LINKCOM-LSP400224001 Datasheet
119Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
LSP200212001 LINKCOM-LSP200212001_14 Datasheet
109Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
BPHE005C401 LINKCOM-BPHE005C401_14 Datasheet
114Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
LCCE-025X801 LINKCOM-LCCE-025X801 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-030X112 LINKCOM-LCCE-030X112 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com