Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU8793KN-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU8793KN-E2
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8793KN-E2 Datasheet(HTML) 2 Page - Rohm

  BU8793KN-E2 Datasheet HTML 1Page - Rohm BU8793KN-E2 Datasheet HTML 2Page - Rohm BU8793KN-E2 Datasheet HTML 3Page - Rohm BU8793KN-E2 Datasheet HTML 4Page - Rohm BU8793KN-E2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. F
○Electrical Characteristics
(unless otherwise noted, Ta = 25
°C)
Parameter
Symbol
Rating
Unit
Remarks
Min.
Typ.
Max.
Digital DC characteristics
High-level input voltage
VIH
0.7
DVDD
-
-
V
Low-level input voltage
VIL
-
-
0.25
DVDD
V
High-level input current
IIH
10
μA
VIH=DVDD
Low-level input current
IIL
-10
-
-
μA
VIL=DVSS
High-level output voltage
VOH
DVDD
-0.3
-
-
V
IOH=-0.8mA
Low-level output voltage
VOL
-
-
DVSS
+0.3
V
IOL=0.8mA
Analog DC characteristics
VREF pin voltage
VAGND
0.475
AVDD
0.5
AVDD
0.525
AVDD
V
IOUT=0A (no load)
ANOUT pin voltage
VOUT
0.47
AVDD
0.5
AVDD
0.53
AVDD
V
IOUT=0A (no load)
when not playing
General characteristics
VREF pin rise time
TRVR
-
70
100
mS
When Capa=1μF between VREF
and AVss NRST=L ->H
Analog (ANOUT pin) characteristics
ANOUT amplitude
VMAX
-
0.667
AVDD
-
Vp-p
Theoretical value of dynamic range
Current consumption
Vdd=3V, Internal operation frequency=13MHz
Analog Idd
IDD1
-
1.3
3
mA
Playing
Digital Idd
IDD2
-
16.5
22
mA
Playing
Analog Idd
IDD3
-
0
1
μA
Standby mode
Digital Idd
IDD4
-
0
5
μA
Standby mode


Similar Part No. - BU8793KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8793KN ROHM-BU8793KN Datasheet
361Kb / 6P
   Sound Generator for Cellular Phone
More results

Similar Description - BU8793KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com