Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS1770A-LF Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # SFS1770A-LF
Description  Fixed Frequency Synthesizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SFS1770A-LF Datasheet(HTML) 2 Page - Z-Communications, Inc

  SFS1770A-LF Datasheet HTML 1Page - Z-Communications, Inc SFS1770A-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Footprint
Fixed Frequency Synthesizer
Surface Mount Module
SFS1770A-LF
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
RECOMMENDED FOOTPRINT
Physical Dimensions
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
1
Vcc (VCO)
3
RF OUT
5
MUX OUT
SFS PIN CONFIGURATION
REST GROUND
6
Vcc (CHIP)
10
REF IN
1
Vcc (VCO)
3
RF OUT
5
MUX OUT
REST GROUND
6
Vcc (CHIP)
7
CLOCK
8
DATA
9
ENABLE
10
REF IN
PVA PIN CONFIGURATION
8
N/C
6
5
4
3
2
1
7
8
9
10
11
12
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Phase Noise, typ.
Page 2 of 2
FRM-S-002 B
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
URL: www.zcomm.com | EMAIL: applications@zcomm.com


Similar Part No. - SFS1770A-LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1770A-LF ZCOMM-SFS1770A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1770A-LF ZCOMM-SFS1770A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS1770A-LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2365A-LF ZCOMM-SFS2365A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS10000C-LF ZCOMM-SFS10000C-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1720A-LF ZCOMM-SFS1720A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS9370Z-LF ZCOMM-SFS9370Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1000C-LF ZCOMM-SFS1000C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPH1280-10 SYNERGY-FCPH1280-10 Datasheet
439Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
FCPH3210-10 SYNERGY-FCPH3210-10 Datasheet
340Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com