Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M02 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
011
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
CRI 90 Series
3000K
8W
10W
20W
30W
Current
(mA)
VF
(V)
Lumen
(lm)
Current
(mA)
VF
(V)
Lumen
(lm)
Current
(mA)
VF
(V)
Lumen
(lm)
Current
(mA)
VF
(V)
Lumen
(lm)
140
36.52
467
210
36.52
700
350
36.52
1158
490
36.52
1676
160
36.66
530
240
36.66
793
400
36.66
1310
560
36.66
1898
180
37.07
590
270
37.07
882
450
37.07
1459
630
37.07
2112
200
37.41
645
300
37.41
965
500
37.41
1595
700
37.41
2311
220
37.8
700
330
37.8
1050
550
37.8
1750
770
37.8
2522
240
38.18
760
360
38.18
1140
600
38.18
1885
840
38.18
2730
260
38.55
815
390
38.55
1218
650
38.55
2014
910
38.55
2917
280
38.81
860
420
38.81
1294
700
38.81
2139
980
38.81
3098
300
39.19
921
450
39.19
1382
750
39.19
2285
1050
39.19
3309


Similar Part No. - LTPL-M02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS30-T0 LITEON-LTPL-M03614ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS40-T0 LITEON-LTPL-M03614ZS40-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS27-T0 LITEON-LTPL-M03622ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS30-T0 LITEON-LTPL-M03622ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M02

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
   LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
   LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
   LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
   LED COB
LBF6232-30DLXA-A ROHM-LBF6232-30DLXA-A Datasheet
167Kb / 6P
   LED COB
LBF6224-20DLXA-68A ROHM-LBF6224-20DLXA-68A Datasheet
159Kb / 6P
   LED COB
LBF6232-30DLXA-B ROHM-LBF6232-30DLXA-B Datasheet
154Kb / 6P
   LED COB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com