Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M02610ZS50-S1 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTPL-M02610ZS50-S1
Description  LED HIGH POWER CoB Product Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02610ZS50-S1 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTPL-M02610ZS50-S1 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02610ZS50-S1 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
010
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
20W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
350
36.52
1410
1484
1506
1573
1618
400
36.66
1596
1680
1705
1781
1831
450
37.07
1776
1870
1898
1982
2038
500
37.41
1943
2045
2076
2168
2229
550
37.80
2121
2232
2265
2366
2433
600
38.18
2296
2417
2453
2562
2635
650
38.55
2453
2582
2621
2737
2814
700
38.81
2605
2742
2783
2906
2989
750
39.19
2783
2929
2973
3105
3193
30W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
490
36.52
2016
2122
2154
2249
2313
560
36.66
2282
2403
2439
2547
2619
630
37.07
2540
2674
2714
2834
2915
700
37.41
2778
2925
2969
3100
3188
770
37.8
3033
3193
3241
3384
3480
840
38.18
3283
3456
3508
3663
3767
910
38.55
3508
3692
3747
3914
4024
980
38.81
3725
3921
3980
4157
4274
1050
39.19
3980
4189
4252
4441
4566


Similar Part No. - LTPL-M02610ZS50-S1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS30-T0 LITEON-LTPL-M03614ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS40-T0 LITEON-LTPL-M03614ZS40-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS27-T0 LITEON-LTPL-M03622ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS30-T0 LITEON-LTPL-M03622ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M02610ZS50-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
   LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
   LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
   LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
   LED COB
LBF6232-30DLXA-A ROHM-LBF6232-30DLXA-A Datasheet
167Kb / 6P
   LED COB
LBF6224-20DLXA-68A ROHM-LBF6224-20DLXA-68A Datasheet
159Kb / 6P
   LED COB
LBF6232-30DLXA-B ROHM-LBF6232-30DLXA-B Datasheet
154Kb / 6P
   LED COB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com