Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M02520ZS27-S1 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTPL-M02520ZS27-S1
Description  LED HIGH POWER CoB Product Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02520ZS27-S1 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTPL-M02520ZS27-S1 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02520ZS27-S1 Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
09
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
 Efficiency Comparison Table (25degC)
CRI 80 Series
8W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
140
36.52
576
606
615
643
661
160
36.66
652
687
697
727
748
180
37.07
726
764
775
810
833
200
37.41
794
835
848
886
911
220
37.8
867
912
926
967
994
240
38.18
938
987
1002
1047
1076
260
38.55
1002
1055
1070
1118
1150
280
38.81
1065
1121
1137
1187
1222
300
39.19
1137
1197
1215
1269
1304
10W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
210
36.52
864
909
923
964
991
240
36.66
978
1030
1045
1091
1123
270
37.07
1089
1146
1163
1215
1249
300
37.41
1191
1253
1272
1329
1366
330
37.80
1300
1368
1389
1450
1491
360
38.18
1407
1481
1503
1570
1614
390
38.55
1503
1582
1606
1677
1724
420
38.81
1597
1681
1706
1781
1832
450
39.19
1706
1795
1822
1903
1957


Similar Part No. - LTPL-M02520ZS27-S1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS30-T0 LITEON-LTPL-M03614ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS40-T0 LITEON-LTPL-M03614ZS40-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS27-T0 LITEON-LTPL-M03622ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS30-T0 LITEON-LTPL-M03622ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M02520ZS27-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
   LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
   LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
   LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
   LED COB
LBF6232-30DLXA-A ROHM-LBF6232-30DLXA-A Datasheet
167Kb / 6P
   LED COB
LBF6224-20DLXA-68A ROHM-LBF6224-20DLXA-68A Datasheet
159Kb / 6P
   LED COB
LBF6232-30DLXA-B ROHM-LBF6232-30DLXA-B Datasheet
154Kb / 6P
   LED COB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com