Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-008BGEW Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-008BGEW
Description  ROHS/ Package in 12 mm tape on 7??diameter reels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008BGEW Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-008BGEW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
LTST-008BGEW
Parameter
Blue
Green
Red
Unit
Power Dissipation
80
80
72
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width.)
100
100
80
mA
Continuous Forward Current
20
20
30
mA
Operating Temperature Range
-40℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Suggestion IR Reflow Profile For Pb Free Process :
IR-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B)
Part No. :
LTST-008BGEW
Page :
2
of
14
BNS-OD-C131/A4


Similar Part No. - LTST-008BGEW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-008EGSW LITEON-LTST-008EGSW Datasheet
452Kb / 13P
   SMD LED
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW-P1 LITEON-LTST-008GEBW-P1 Datasheet
439Kb / 12P
   SMD LED
LTST-008GEBW-PX LITEON-LTST-008GEBW-PX Datasheet
536Kb / 13P
   SMD LED
LTST-008TGVFWT LITEON-LTST-008TGVFWT Datasheet
459Kb / 13P
   SMD LED
More results

Similar Description - LTST-008BGEW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-020KSKT LITEON-LTST-020KSKT Datasheet
670Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010KSKT LITEON-LTST-010KSKT Datasheet
453Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010TGKT LITEON-LTST-010TGKT Datasheet
759Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010KFKT LITEON-LTST-010KFKT Datasheet
463Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels.
LTST-108KRKT LITEON-LTST-108KRKT Datasheet
667Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C155GYKT LITEON-LTST-C155GYKT_14 Datasheet
537Kb / 10P
   ROHS/ Package In 8mm Tape On 7" Diameter Reels
LTST-108TGKT LITEON-LTST-108TGKT Datasheet
656Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-089E2CG-A TO-GRACE-LTW-089E2CG-A Datasheet
964Kb / 13P
   Package in 8mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com