Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4006A Datasheet(PDF) 2 Page - Bytes

Part # SM4006A
Description  1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SM4006A Datasheet(HTML) 2 Page - Bytes

  SM4006A Datasheet HTML 1Page - Bytes SM4006A Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (SM4001A THRU SM4007A)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80 100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0 1.1 1.2 1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200


Similar Part No. - SM4006A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM4006A UNIOHM-SM4006A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4006A SECOS-SM4006A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
SM4006A SECOS-SM4006A Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
SUNMATE electronic Co.,...
SM4006A SUNMATE-SM4006A Datasheet
324Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SM4006AM SECOS-SM4006AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - SM4006A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SM4001A GWSEMI-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
M1 DGNJDZ-M1_05 Datasheet
118Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
M1F BYTESONIC-M1F Datasheet
317Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com