Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S220KGKT Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTST-S220KGKT
Description  ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S220KGKT Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTST-S220KGKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S220KGKT_14 Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Part No. : LTST-S220KGKT
Page :
9
of
12
BNS-OD-C131/A4
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
2. Storage
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The storage ambient for the LEDs should not exceed 30°C temperature or 60% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a
sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than one week should be baked at about 60 deg
C for at least 20 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Soldering notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens,
and circuit boards, no single temperature profile works for all possible combinations.
However, you can successfully mount your packages to the PCB by following the proper guidelines and
PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and
board-level assembly.
The results of this testing are verified through post-reflow reliability testing.
Profiles used at LITE-ON are based on JEDEC standards to ensure that all packages can be successfully
and reliably surface mounted.
Figure on page3 shows a sample temperature profile compliant to JEDEC standards.
You can use this example as a generic target to set up your reflow process.
You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.


Similar Part No. - LTST-S220KGKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S220KGKT LITEON-LTST-S220KGKT Datasheet
297Kb / 6P
   Side looking special for LCD backlight
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S220KGKT TO-GRACE-LTST-S220KGKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S220KGKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320KSKT LITEON-LTST-S320KSKT_14 Datasheet
487Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S321KSKT-5A LITEON-LTST-S321KSKT-5A Datasheet
574Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KFKT LITEON-LTST-S220KFKT_14 Datasheet
308Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220TBKT LITEON-LTST-S220TBKT_14 Datasheet
311Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S326KFKGKT LITEON-LTST-S326KFKGKT Datasheet
433Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S322KFKT LITEON-LTST-S322KFKT Datasheet
570Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KSKT LITEON-LTST-S220KSKT_14 Datasheet
323Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com