Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S220KSKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-S220KSKT
Description  ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S220KSKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-S220KSKT_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S220KSKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Absolute
Maximum
Ratings
At
Ta=25℃
Parameter
LTST-S220KSKT
Unit
Power Dissipation
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
mA
DC Forward Current
30
mA
Reverse Voltage
5
V
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-40°C to + 85°C
Infrared Soldering Condition
260°C For 10 Seconds
Part No. : LTST-S220KSKT
Page :
2
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S220KSKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S220KSKT LITEON-LTST-S220KSKT Datasheet
602Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S220KSKT TO-GRACE-LTST-S220KSKT Datasheet
920Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S220KSKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320KSKT LITEON-LTST-S320KSKT_14 Datasheet
487Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S321KSKT-5A LITEON-LTST-S321KSKT-5A Datasheet
574Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KFKT LITEON-LTST-S220KFKT_14 Datasheet
308Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220TBKT LITEON-LTST-S220TBKT_14 Datasheet
311Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S326KFKGKT LITEON-LTST-S326KFKGKT Datasheet
433Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S322KFKT LITEON-LTST-S322KFKT Datasheet
570Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KGKT LITEON-LTST-S220KGKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com