Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB13003C Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # KSB13003C
Description  High Voltage Switch Mode Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSB13003C Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  KSB13003C Datasheet HTML 1Page - SemiHow Co.,Ltd. KSB13003C Datasheet HTML 2Page - SemiHow Co.,Ltd. KSB13003C Datasheet HTML 3Page - SemiHow Co.,Ltd. KSB13003C Datasheet HTML 4Page - SemiHow Co.,Ltd. KSB13003C Datasheet HTML 5Page - SemiHow Co.,Ltd. KSB13003C Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
◎ SEMIHOW REV.A0, January 2012
Typical Characteristics
Vce = 10v
0
1
2
3
4
5
0.0
0.4
0.8
1.2
1.6
2.0
I
B=100mA
I
B=0mA
I
B=50mA
I
B=500mA


Similar Part No. - KSB13003C

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
More results

Similar Description - KSB13003C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003H SEMIHOW-KSB13003H Datasheet
845Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com