Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB13003H Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSB13003H
Description  High Voltage Switch Mode Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSB13003H Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSB13003H Datasheet HTML 1Page - SemiHow Co.,Ltd. KSB13003H Datasheet HTML 2Page - SemiHow Co.,Ltd. KSB13003H Datasheet HTML 3Page - SemiHow Co.,Ltd. KSB13003H Datasheet HTML 4Page - SemiHow Co.,Ltd. KSB13003H Datasheet HTML 5Page - SemiHow Co.,Ltd. KSB13003H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
◎ SEMIHOW REV.A0,Oct 2007
High Voltage Switch Mode Application
• High voltage, High speed power switching
• Suitable for Electronic Ballast up to 21W
KSB13003H
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
V
CBO
V
CEO
V
EBO
I
C
I
CP
I
B
P
C
T
J
T
STG
900
530
9
1.5
3
0.75
1.10
150
-55~150
V
V
V
A
A
A
W
1.5 Amperes
NPN Silicon Power Transistor
1.1 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
V
CBO
I
C=500μA, IE=0
900
V
Collector-Emitter Breakdown Voltage
V
CEO
I
C=10mA, IB=0
530
V
Emitter Cut-off Current
I
EBO
V
EB=9.0V, IC=0
10
*DC Current Gain
h
FE1
h
FE2
V
CE=10V,IC=0.4A
V
CE=10V,IC=1A
20
6
40
-
-
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=0.5A,IB=0.1A
I
C=1.5A,IB=0.5A
0.8
2.5
V
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=0.5A,IB=0.1A
1.0
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
21
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=0.1A
4
Turn on Time
t
on
Vcc=125V, Ic=2A
I
B1=0.2A, IB2= -0.2A
R
L=125Ω
1.1
Storage Time
t
stg
4.0
Fall Time
t
F
0.7
Electrical Characteristics TC=25℃ unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
TO-92
1. Base
2. Collector
3. Emitter
2
1
3
Package Mark information.
hFE1
Classification
R
20 ~ 30
O
25 ~ 35
Y
30 ~ 40
Note.
S
H
1 3 0 0 3
YWW Z
S
SemiHow Symbol
YWW
Y; year code, WW; week code
Z
hFE1 Classification


Similar Part No. - KSB13003H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
More results

Similar Description - KSB13003H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com