Selected language     English  ā–¼


W005M Datasheet(PDF) 2 Page - Bytes

Part No. W005M
Description  SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BYTES [Bytes]
Homepage  
Logo 

   
 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (W005M THRU W10M)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.3
0.6
0.9
1.2
1.5
1.8
0
20
10
30
50
40
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125 150 175
CASE TEMPERATURE,( C)
0
20
40
60
80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Bytes
RB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SSINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS 1 2 Formosa MS
W005MSINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
W005M1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
RS401LSINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS 1 2 Bytes
RS401MSINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS 1 2 Bytes
2W005SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS 1 2 Formosa MS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl