Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - Bytes

Part No. W01M
Description  SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BYTES [Bytes]
Homepage  
Logo 

   
 1 page
background image
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
W005M W01M W02M W04M W06M W08M W10M UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
10
500
-65
+150
-65
+125
V
A
A
V
ĀµA
ĀµA
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.20 grams
W005M
W10M
THRU
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
WOM
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.217(5.5)
.197(5.0)
.032(0.8)
.030(0.7)
POS.
LEAD
* Low leakage current
1.5 Amperes




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Bytes
RB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SSINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS 1 2 Formosa MS
W005MSINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
DB151SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
W005M1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
RS401LSINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS 1 2 Bytes
RS401MSINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS 1 2 Bytes
2W005SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS 1 2 Formosa MS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl