Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8870PI Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM8870PI
Description  CMOS Integrated DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM8870PI Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM8870PI Datasheet HTML 1Page - California Micro Devices Corp CM8870PI Datasheet HTML 2Page - California Micro Devices Corp CM8870PI Datasheet HTML 3Page - California Micro Devices Corp CM8870PI Datasheet HTML 4Page - California Micro Devices Corp CM8870PI Datasheet HTML 5Page - California Micro Devices Corp CM8870PI Datasheet HTML 6Page - California Micro Devices Corp CM8870PI Datasheet HTML 7Page - California Micro Devices Corp CM8870PI Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
9/28/2000
3
CM8870/70C
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
AC Characteristics: All voltages referenced to V
SS, VDD=5.0V ±5%, TA=-40°C to +85°C, fCLK=3.579545 MHz using
test circuit (Fig. 1) unless otherwise noted.
Notes:
1.
dBm = decibels above or below a reference power
of 1 mW into a 600 ohm load.
2.
Digit sequence consists of all 16 DTMF tones.
3.
Tone duration = 40mS. Tone pause = 40 mS.
4.
Nominal DTMF frequencies are used.
5.
Both tones in the composite signal have
an equal amplitude.
6.
Bandwidth limited (0 to 3 KHz) Gaussian Noise.
7.
The precise dial tone frequencies are
(350 Hz and 440 Hz) ±2%.
8.
For an error rate of better than 1 in 10,000
9.
Referenced to lowest level frequency component
in DTMF signal.
10.
Minimum signal acceptance level is measured with
specified maximum frequency deviation.
11.
Input pins defined as IN+, IN-, and TOE.
12.
External voltage source used to bias V
REF.
13.
This parameter also applies to a third tone injected onto
the power supply.
14.
Referenced to Figure 1. Input DTMF tone level
at -28 dBm.
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
Us
e
t
o
N
s
l
e
v
e
L
l
a
n
g
i
S
t
u
p
n
I
d
il
a
V
)l
a
n
g
i
s
e
ti
s
o
p
m
o
c
f
o
e
n
o
t
h
c
a
e
(
9
2
-1
+m
B
d
8
,
5
,
4
,
3
,
2
,
1
5
.
7
29
6
8V
m
S
M
R
t
p
e
c
c
A
t
s
i
w
T
e
v
it
i
s
o
P
0
1B
d
8
,
4
,
3
,
2
t
p
e
c
c
A
t
s
i
w
T
e
v
it
a
g
e
N
0
1B
d
ti
m
i
L
t
p
e
c
c
A
n
o
it
a
i
v
e
D
.
q
e
r
F
z
H
2
±
%
5
.
1.
m
o
N0
1
,
8
,
5
,
3
,
2
ti
m
i
L
t
c
e
j
e
R
n
o
it
a
i
v
e
D
.
q
e
r
F%
5
.
3
±.
m
o
N5
,
3
,
2
e
c
n
a
r
e
l
o
T
e
n
o
T
d
ri
h
T
6
1
-B
d4
1
,
3
1
,
9
,
8
,
5
,
4
,
3
,
2
e
c
n
a
r
e
l
o
T
e
s
i
o
N2
1
-B
d9
,
8
,
6
,
5
,
4
,
3
,
2
e
c
n
a
r
e
l
o
T
e
n
o
T
l
a
i
D
2
2
+B
d9
,
8
,
7
,
5
,
4
,
3
,
2
e
m
i
T
n
o
it
c
e
t
e
D
t
n
e
s
e
r
P
e
n
o
Tt P
D
58
4
1S
m
o
t
r
e
f
e
R
m
a
r
g
a
i
D
g
n
i
m
i
T
e
m
i
T
n
o
it
c
e
t
e
D
t
n
e
s
b
A
e
n
o
Tt A
D
5
.
03
5
.
8S
m
t
p
e
c
c
A
n
o
it
a
r
u
D
e
n
o
T
n
i
Mt C
E
R
0
4S
m
)
e
l
b
a
t
s
u
j
d
A
r
e
s
U
(
e
r
a
n
w
o
h
s
s
e
m
i
T
h
ti
w
d
e
n
i
a
t
b
o
)
1
.
g
i
F
n
i
ti
u
c
ri
c
t
c
e
j
e
R
n
o
it
a
r
u
D
e
n
o
T
x
a
Mt C
E
R
0
2S
m
t
p
e
c
c
A
e
s
u
a
P
ti
g
i
d
r
e
t
n
I
.
n
i
Mt D
I
0
4S
m
t
c
e
j
e
R
e
s
u
a
P
ti
g
i
d
r
e
t
n
I
.
x
a
Mt O
D
0
2
µS
)
Q
o
t
t
S
(
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt Q
P
61
1
µS
V
=
E
O
T
D
D
)
D
t
S
o
t
t
S
(
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt S
P tD
96
1
µS
)
D
t
S
o
t
Q
(
p
U
t
e
S
a
t
a
D
t
u
p
t
u
Ot S
Q tD
4
.
3
µS
)
Q
o
t
E
O
T
(
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
e
l
b
a
n
Et E
T
P
0
5S
n
RL
K
0
1
=
CL
F
p
0
5
=
e
l
b
a
s
i
Dt D
T
P
0
0
3S
n
y
c
n
e
u
q
e
r
F
k
c
o
l
C
/l
a
t
s
y
r
Cf K
L
C
9
5
7
5
.
35
9
7
5
.
31
3
8
5
.
3z
H
M
)
2
C
S
O
(
t
u
p
t
u
O
k
c
o
l
Ce
v
it
i
c
a
p
a
C
d
a
o
L
C O
L
0
3F
p


Similar Part No. - CM8870PI

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM88 CML-CM88 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM88 VCC-CM88 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM8805 CML-CM8805 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM8805 VCC-CM8805 Datasheet
44Kb / 1P
   Wedge Base
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM8870PI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com