Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0603A Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL0603A
Description  Meta lOxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL0603A Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  RL0603A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL0603A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL0603A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL0603A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL0603A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Metal Oxide Varistors - RL0603A Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part Number
Working
Voltage
Breakdown
Voltage
Peak
Current
Clamping
Voltage
AC
DC
@ 1mA DC
8/20uS
8/20uS
VRMS
VDC
VB
Ip(MAX)
VC
A
RL0603A3R3K
1.4
2
2.6~4.0
30A
9
1
RL0603A5R0K
2.4
3.3
4.0~6.0
30A
12
1
RL0603A8R0K
4
5.5
6.6~9.9
30A
14
1
RL0603A120K
7
9
10~15.5
30A
24
1
RL0603A180K
11
14
15~20.5
30A
30
1~10
RL0603A210K
12
16
17~24
30A
35
1~10
RL0603A240K
14
18
22~27
30A
38
1~10
RL0603A270K
17
22
24~30
30A
42
1~10
RL0603A300K
19
24
27~33
30A
47
1~10
RL0603A330K
20
26
29~36
30A
54
1~10
RL0603A370K
21
27
33~40.5
30A
60
1~10


Similar Part No. - RL0603A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0603 ETC1-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0603 YAGEO-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0603 YAGEO-RL0603 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
ULTRA LEVEL TECH CO., L...
RL0603 ULC-RL0603 Datasheet
338Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Delta Electronics, Inc.
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
   1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0603A

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL0402E RUILON-RL0402E Datasheet
922Kb / 7P
   Meta lOxide Varistors
RL3220A RUILON-RL3220A Datasheet
641Kb / 5P
   Meta lOxide Varistors
RL0603E RUILON-RL0603E Datasheet
927Kb / 7P
   Meta lOxide Varistors
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
   Meta lOxide Varistors
RL2220A RUILON-RL2220A Datasheet
635Kb / 5P
   Meta lOxide Varistors
logo
MKS Instruments.
179C MKS-179C Datasheet
238Kb / 4P
   All-Meta l Mass-Flo Meter
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com