Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S320KGKT-5A Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTST-S320KGKT-5A
Description  P r o p e r t y o f L i t e - O n O n l y
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S320KGKT-5A Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTST-S320KGKT-5A_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S320KGKT-5A_14 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
9. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel
strap or conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at
static-safe workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTST-S320KGKT-5A
Page :
10
of
10
BNS-OD-C131/A4


Similar Part No. - LTST-S320KGKT-5A_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320KGKT-5A LITEON-LTST-S320KGKT-5A Datasheet
669Kb / 10P
   Property of Lite-On Only
More results

Similar Description - LTST-S320KGKT-5A_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320KGKTR LITEON-LTST-S320KGKTR_14 Datasheet
671Kb / 10P
   P r o p e r t y o f L i t e - O n O n l y
LTST-S320KGKT LITEON-LTST-S320KGKT_14 Datasheet
550Kb / 12P
   P r o p e r t y o f L i t e -On On l y
LTST-S320KRKT LITEON-LTST-S320KRKT_14 Datasheet
547Kb / 12P
   P r o p e r t y o f L i t e -On On l y
LTST-S482KGKT-5A LITEON-LTST-S482KGKT-5A Datasheet
558Kb / 12P
   P r o p e r t y o f L i t e -On On l y
logo
E-Tech Electronics LTD
GL5672 ETL-GL5672 Datasheet
165Kb / 2P
   N P N L O W F R E Q U E N C Y T R A N S I S T O R
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
   P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
E-Tech Electronics LTD
GE1117A50 ETL-GE1117A50 Datasheet
243Kb / 4P
   1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GE1147-50 ETL-GE1147-50 Datasheet
243Kb / 4P
   1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GE13003 ETL-GE13003 Datasheet
472Kb / 4P
   N P N S I L I C O N P O W E R T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com