Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL3220A Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL3220A
Description  Meta lOxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL3220A Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  RL3220A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL3220A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL3220A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL3220A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL3220A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - RL3220A Series
Electrical Rating
No
ltem
Test Condition / Description
Requirement
1
Operation
Range
1. -40°C ~ 85°C
-
2
Leakage
current
Satisfaction to the specification, under 1uA
Applied voltage : specified working voltage
3
Capacitance Satisfaction to the specification, under 1pF
Frquency & OSC level : 1MHz, 1.0Vrms
4
Solderability More than 90% of the terminal electrode
shall be covered with new solder.
1. Type of solder : H63A
2. Soldering Temp & Time : 230+/-5°C, 5+/-1 sec
5
Reflow
soldering
1. No Serious mechanical damage
2. More than 50% of the terminal electrode
shall be covered with new solder
3. Leakage Currrent :≤ 10uA
1. Type of solder : H63A
2. Temp & Time : max 260+/-5°C, min 10sec
* Refer to the soldering profile of page 6
6
Humidity
Load Test
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
Test Temp. & Relative Humidity & Time : 85+/- 5°C,
85 +/- 5% RH, Vw Applied, 500 +/- 12hrs
7
Thermal
Shock
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
1. Step 1 : -40 +/- 5°C, Step 2 : 85 +/- 5°C
2. Cycle : 30min ± 3min, each 5 cycles
8
High Temp.
Test
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
Temp. & time : 85+/-5°C , 1000 +/- 24hrs
9
Adhesive
strength
1. No Serious mechanical damage
under condition of
1005 : min 0.5kgf, 1608 : min 1.0kgf
10
ESD
1. No mechanical damage after test
2. Leakage Current :≤ 10uA
* ESD gun (IEC61000-4-2 standard)
* C=150pF R=330Ω
1. Contact discharge
* Voltage :+/-8kV(Level 4)
* Number : 10 times in 10sec
2. Air discharge
* Voltage :+/-15kV(Level 4)
* Number : 10 times in 10sec
W [kgf] min.


Similar Part No. - RL3220A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL320A RECTRON-RL320A Datasheet
179Kb / 3P
   SIDACTOR
logo
List of Unclassifed Man...
RL3264 ETC-RL3264 Datasheet
1Mb / 2P
   Low resistance chip resistors (short side terminal)
RL3264-6-R002-FN ETC2-RL3264-6-R002-FN Datasheet
165Kb / 6P
   RP series, RPH series,high-power metal film chip resistors
logo
Delta Electronics, Inc.
RL32646C-R003-F DELTA-RL32646C-R003-F Datasheet
94Kb / 7P
   1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
RL32646C-R003-G DELTA-RL32646C-R003-G Datasheet
94Kb / 7P
   1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
More results

Similar Description - RL3220A

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL0603A RUILON-RL0603A Datasheet
609Kb / 5P
   Meta lOxide Varistors
RL0402E RUILON-RL0402E Datasheet
922Kb / 7P
   Meta lOxide Varistors
RL0603E RUILON-RL0603E Datasheet
927Kb / 7P
   Meta lOxide Varistors
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
   Meta lOxide Varistors
RL2220A RUILON-RL2220A Datasheet
635Kb / 5P
   Meta lOxide Varistors
logo
MKS Instruments.
179C MKS-179C Datasheet
238Kb / 4P
   All-Meta l Mass-Flo Meter
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com