Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23C1024 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 23C1024
Description  SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

23C1024 Datasheet(HTML) 1 Page - Grayhill, Inc

  23C1024 Datasheet HTML 1Page - Grayhill, Inc 23C1024 Datasheet HTML 2Page - Grayhill, Inc 23C1024 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Pushbutton Options and Accessories
SEALED TERMINAL AND
WIRE LEAD OPTIONS
OPTION -E AND -EW
FEATURES
1/4, 1/2, and 1 Amp
• Limit, Overtravel, or Panel Seal
• Butt or Wiping Contact
• Normally Open or Normally Closed
• Momentary or Push/Pull
• Series 23, 30, 39 and 46
SPECIFICATIONS
Rating Criteria
Make and Break Current Rating: See page
for standard part number
Contact Resistance: 25 milliohms maximum
on a new switch. Less than 4 milliohms per inch
of wire for wire lead option styles.
Insulation Resistance: 1,000 megohms
minimum between mutually insulated parts
Voltage Breakdown: 1,000 Vac minimum
between mutually insulated parts
Materials and Finishes
Potting Sleeve (Series 39): Thermoset Plastic
Wire Leads: #26AWG, (.99mm diameter)
insulated Teflon, Copper stranded wire, per
MlL-W-16878,Type E. Ends are stripped
0.250" (6.35) and solder dipped. For other
specifications, see Page References.
Option -E
Epoxy-Sealed
Terminals
Option -EW,
Potted Base & 6"
Wire Leads
Standard
Part Number
Red Button
Standard
Part Number
Black Button
-EW Style
Body
Length Behind Panel
In inches (and millimeters)
*Epoxy potting sleeve enlarges the diameter of the -EW style to 0.300 (7,62).
**Sealed terminal (-E) option is not necessary; terminals have sealed construction.
***Natural Color Button
†Adjustable from 1.214 (30,84) to 1.334 (33,88) dependent on button height, see switch pages.
Choices
of
Suffix
Standard Switch
& Terminals
23-1
23-4
-E
0.665 (16,89)
––––
30-1
30-3
-E, -EW
0.592 (15,04)
0.645 (16,38)
30-15
30-37
-E, -EW
0.679 (17,25)
0.728 (18,49)
30-17 RED
30-17 BLK
-E, -EW
0.958 (24,33)
1.007 (25,58)
30-16 RED
30-16 BLK
-E, -EW
0.958 (24,33)
1.007 (25,58)
30-251 RED
30-251 BLK
-E, -EW
0.632 (16,05)
0.685 (17,40)
30-252 RED
30-252 BLK
-E, -EW
0.645 (16,38)
0.700 (17,78)
30-32 RED
30-32 BLK
-E, -EW
0.867 (22,02)
0.896 (22,76)
30-6
30-2
-E, -EW
0.605 (15,37)
0.640 (16,26)
30-601 RED
30-601 BLK
-E, -EW
0.592 (15,04)
0.645 (16,38)
39-1*
39-3*
-EW**
0.315 (8,00)
0.440 (11,18)
––––
39-2
-E,- EW
0.490 (12,45)
0.575 (14,61)
39-12*
39-24*
-EW**
0.455 (11,56)
0.575 (14,61)
39-101
––––
-EW**
0.650 (16,51)
0.775 (19,69)
39-351 RED
39-351 BLK
-EW**
0.350 (8,89)
0.450 (11,43)
39-352 RED*
39-352 BLK*
-E, -EW
0.529 (13,44)
0.630 (16,00)
39-601 RED
39-601 BLK
-EW*
0.315 (8,00)
0.440 (11,18)
39-701***
––––
-EW**
0.800 (20,32)
0.925 (23,50)
39-702***
––––
-E, -EW
0.510 (12,95)
0.750 (19,05)
46-101 RED
46-101 BLK
-E, -EW
0.890 (22,61)
0.957 (24,31)
46-102 RED
46-102 BLK
-E, -EW
0.890 (22,61)
0.957 (24,31)
46-110 RED
46-110 BLK
-E, -EW
0.890 (22,61)
0.957 (24,31)
46-111 RED
46-111 BLK
-E, -EW
0.890 (22,61)
0.957 (24,31)
46-150 RED
46-150 BLK
-E, -EW
0.957 (24,31)
1.024 (26,01)
46-151 RED
46-151 BLK
-E, -EW
0.957 (24,31)
1.024 (26,01)
46-200 RED
46-200 BLK
-E
0.921 (23,39)
––––
46-201 RED
46-201 BLK
-E
0.921 (23,39)
––––
46-270 RED
46-270 BLK
-E
0.957 (24,31)
––––
46-271 RED
46-271 BLK
-E
0.957 (24,31)
––––
Pushbutton
60


Similar Part No. - 23C1024

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
More results

Similar Description - 23C1024

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P260 TTELEC-P260 Datasheet
1Mb / 7P
   Detent and wire lead options
logo
List of Unclassifed Man...
HC-49 ETC-HC-49 Datasheet
54Kb / 2P
   Tape and Reel, insulator tab,3-lead,and custom lead length options available
LB69-3080 ETC2-LB69-3080 Datasheet
266Kb / 3P
   Options and ordering codes
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TT Electronics.
OPB815L TTELEC-OPB815L Datasheet
295Kb / 4P
   Deep Gap Slotted Switch with Wire and Connector Options
logo
Mallory performance clu...
1266 MALLORY-1266 Datasheet
88Kb / 1P
   SPARK PLUG WIRE TERMINAL AND BOOT
1266CT MALLORY-1266CT Datasheet
89Kb / 1P
   SPARK PLUG WIRE TERMINAL AND BOOT
logo
List of Unclassifed Man...
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com