Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM88L70CTS Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM88L70CTS
Description  CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM88L70CTS Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM88L70CTS Datasheet HTML 1Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 2Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 3Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 4Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 5Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 6Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 7Page - California Micro Devices Corp CM88L70CTS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2000 California Micro Devices Corp. All rights reserved.
8/16/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CM88L70/70C
CALIFORNIA MICRO DEVICES
Pin Function Table
Figure 1. Single Ended Input Configuration
Figure 2. Functional Diode Table
F W
O
L
F H
G
I
H
Y
E
KW
O
TQ4
Q3
Q2
Q1
7
9
69
0
2
1
1
H
000
1
7
9
66
3
3
12
H
0
0
1
0
7
9
67
7
4
13
H
0
0
1
1
0
7
79
0
2
14
H
0
1
0
0
0
7
76
3
3
15
H
0
1
0
1
0
7
77
7
4
16
H
0
1
1
0
2
5
89
0
2
17
H
0
1
1
1
2
5
86
3
3
18
H
1
0
0
0
2
5
87
7
4
19
H
1
0
0
1
1
4
99
0
2
10
H
1
0
1
0
1
4
96
3
3
1
G
H1
0
1
1
1
4
97
7
4
1#
H
1
1
0
0
7
9
63
3
6
1A
H
1
1
0
1
0
7
73
3
6
1
B
H
111
0
2
5
83
3
6
1
C
H
111
1
1
4
93
3
6
1
D
H
000
0
--
Y
N
A
L
ZZZ
Z
e
c
n
a
d
e
p
m
I
h
g
i
H
=
Z
,
h
g
i
H
c
i
g
o
L
=
H
,
w
o
L
c
i
g
o
L
=
L
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
+
N
I
-
N
I
t
u
p
n
i
g
n
it
r
e
v
n
i-
n
o
N
t
u
p
n
i
g
n
it
r
e
v
n
I
r
e
if
il
p
m
a
l
a
it
n
e
r
e
f
fi
d
d
n
e
-
t
n
o
r
f
e
h
t
o
t
n
o
it
c
e
n
n
o
C
S
G
n
o
it
c
e
n
n
o
c
r
o
f
r
e
if
il
p
m
a
l
a
it
n
e
r
e
f
fi
d
d
n
e
-
t
n
o
r
f
f
o
t
u
p
t
u
o
o
t
s
s
e
c
c
a
s
e
v
i
G
.t
c
e
l
e
S
n
i
a
G
.r
o
t
s
is
e
r
k
c
a
b
d
e
e
f
f
o
V F
E
R
V
y
ll
a
n
i
m
o
n
(
t
u
p
t
u
o
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
R
D
D
.l
i
a
r
-
d
i
m
t
a
s
t
u
p
n
i
e
h
t
s
a
i
b
o
t
d
e
s
u
e
b
y
a
M
.)
2
/
H
N
I.
D
,
C
,
B
,
A
s
y
e
k
s
t
n
e
s
e
r
p
e
r
s
e
n
o
t
f
o
n
o
it
c
e
t
e
d
s
ti
b
i
h
n
I
3
C
S
O.t
u
p
t
u
o
r
o
t
a
ll
i
c
s
o
d
e
r
e
f
f
u
b
l
a
ti
g
i
D
D
Pn
w
o
d
r
e
w
o
P
.r
o
t
a
ll
i
c
s
o
e
h
t
s
ti
b
i
h
n
i
d
n
a
e
c
i
v
e
d
e
h
t
n
w
o
d
s
r
e
w
o
p
h
g
i
h
c
i
g
o
L
1
C
S
Ot
u
p
n
i
k
c
o
l
C
.r
o
t
a
ll
i
c
s
o
l
a
n
r
e
t
n
i
s
e
t
e
l
p
m
o
c
s
n
i
p
e
s
e
h
t
n
e
e
w
t
e
b
d
e
t
c
e
n
n
o
c
l
a
t
s
y
r
c
z
H
M
5
4
5
9
7
5
.
3
2
C
S
Ot
u
p
t
u
o
k
c
o
l
C
V S
S
.)
V
0
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
m
r
o
n
(
y
l
p
p
u
s
r
e
w
o
p
e
v
it
a
g
e
N
E
O
T
Q
s
t
u
p
t
u
o
e
h
t
s
e
l
b
a
n
e
h
g
i
h
c
i
g
o
L
.)
t
u
p
n
i(
e
l
b
a
n
e
t
u
p
t
u
o
e
t
a
t
s
-
e
e
r
h
T
1 Q
- 4
.
p
u
-l
l
u
p
l
a
n
r
e
t
n
I
.
Q1
Q2
Q3
Q4
t
s
a
l
e
h
t
o
t
g
n
i
d
n
o
p
s
e
r
r
o
c
e
d
o
c
e
h
t
s
e
d
i
v
o
r
p
,
E
O
T
y
b
d
e
l
b
a
n
e
n
e
h
W
.
s
t
u
p
t
u
o
e
t
a
t
s
-
e
e
r
h
T
.)
2
.
g
i
F
e
e
S
(
.
d
e
v
i
e
c
e
r
ri
a
p
e
n
o
t
d
il
a
v
D
t
S
e
h
t
d
n
a
d
e
r
e
t
s
i
g
e
r
n
e
e
b
s
a
h
ri
a
p
e
n
o
t
d
e
v
i
e
c
e
r
a
n
e
h
w
h
g
i
h
c
i
g
o
l
a
s
t
n
e
s
e
r
P
.t
u
p
t
u
o
g
n
ir
e
e
t
s
d
e
y
a
l
e
D
V
w
o
l
e
b
s
ll
a
f
T
G
/t
S
n
o
e
g
a
tl
o
v
e
h
t
n
e
h
w
w
o
l
c
i
g
o
l
o
t
s
n
r
u
t
e
R
.
d
e
t
a
d
p
u
s
i
h
c
t
a
l
t
u
p
t
u
o
t
S
T
.
t
S
E
m
h
ti
r
o
g
l
a
l
a
ti
g
i
d
e
h
t
n
e
h
w
y
l
e
t
a
i
d
e
m
m
i
h
g
i
h
c
i
g
o
l
a
s
t
n
e
s
e
r
P
.t
u
p
t
u
o
g
n
ir
e
e
t
s
y
lr
a
E
n
o
it
i
d
n
o
c
l
a
n
g
is
f
o
s
s
o
l
y
r
a
t
n
e
m
o
m
y
n
A
.)
n
o
it
i
d
n
o
c
l
a
n
g
is
(
ri
a
p
e
n
o
t
e
l
b
a
z
i
n
g
o
c
e
r
a
s
t
c
e
t
e
d
.
w
o
l
c
i
g
o
l
a
o
t
n
r
u
t
e
r
o
t
t
S
E
e
s
u
a
c
ll
i
w
t
G
/t
S
V
n
a
h
t
r
e
t
a
e
r
g
e
g
a
tl
o
v
A
.)
l
a
n
o
it
c
e
ri
d
i
b
(
t
u
p
t
u
o
e
m
it
d
r
a
u
g
/t
u
p
n
i
g
n
ir
e
e
t
S
t
S
T
e
h
t
s
e
s
u
a
c
t
S
t
a
d
e
t
c
e
t
e
d
V
n
a
h
t
s
s
e
l
e
g
a
tl
o
v
A
.
h
c
t
a
l
t
u
p
t
u
o
e
h
t
e
t
a
d
p
u
d
n
a
ri
a
p
e
n
o
t
d
e
t
c
e
t
e
d
e
h
t
r
e
t
s
i
g
e
r
o
t
e
c
i
v
e
d
t
S
T
e
h
t
s
e
e
r
f
s
ti
d
n
a
,t
n
a
t
s
n
o
c
e
m
it
g
n
ir
e
e
t
s
l
a
n
r
e
t
x
e
e
h
t
t
e
s
e
r
o
t
s
t
c
a
t
u
p
t
u
o
T
G
e
h
T
.r
i
a
p
e
n
o
t
w
e
n
a
t
p
e
c
c
a
o
t
e
c
i
v
e
d
)
2
.
g
i
F
e
e
S
(
.t
S
n
o
e
g
a
tl
o
v
e
h
t
d
n
a
t
S
E
f
o
n
o
it
c
n
u
f
a
s
i
e
t
a
t
s
V D
D
.
y
l
p
p
u
s
r
e
w
o
p
e
v
it
is
o
P
C
IV
o
t
d
e
it
e
b
t
s
u
M
.
n
o
it
c
e
n
n
o
c
l
a
n
r
e
t
n
I
S
S
)
y
l
n
o
n
o
it
a
r
u
g
if
n
o
c
0
7
8
8
r
o
f
(
All resistors are
±±±±±1%tolerance.
All capacitors are
±±±±±5% tolerance.
CM88L70
CM88L70C


Similar Part No. - CM88L70CTS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM88 CML-CM88 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM88 VCC-CM88 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM8805 CML-CM8805 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM8805 VCC-CM8805 Datasheet
44Kb / 1P
   Wedge Base
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM88L70CTS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com