Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE82A Datasheet(PDF) 4 Page - Bytes

Part # P4KE82A
Description  400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

P4KE82A Datasheet(HTML) 4 Page - Bytes

  P4KE82A Datasheet HTML 1Page - Bytes P4KE82A Datasheet HTML 2Page - Bytes P4KE82A Datasheet HTML 3Page - Bytes P4KE82A Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
400 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
µ
P4KE82
66.40
73.80
90.20
1
118.0
3.6
5
P4KE440
356.00
396.00
484.00
1
631.0
0.6
5
P4KE170
138.00
153.00
187.00
1
244.0
1.7
5
P4KE120
97.20
108.00
132.00
1
173.0
2.4
5
P4KE250
202.00
225.00
275.00
1
360.0
1.1
5
P4KE100
81.00
90.00
110.00
1
144.0
2.9
5
P4KE200
162.00
180.00
220.00
1
287.0
1.4
5
P4KE150
121.00
135.00
165.00
1
215.0
1.9
5
P4KE350
284.00
315.00
385.00
1
504.0
0.8
5
P4KE91
73.70
81.90
100.00
1
131.0
3.2
5
P4KE180
146.00
162.00
198.00
1
258.0
1.6
5
P4KE130
105.00
117.00
143.00
1
187.0
2.2
5
P4KE300
243.00
270.00
330.00
1
430.0
0.9
5
P4KE110
89.20
99.00
121.00
1
158.0
2.7
5
P4KE220
175.00
198.00
242.00
1
344.0
1.2
5
P4KE160
130.00
144.00
176.00
1
230.0
1.8
5
P4KE400
324.00
360.00
440.00
1
574.0
0.7
5
P4KE82A
70.10
77.90
86.10
1
113.0
3.7
5
P4KE440A
376.00
418.00
462.00
1
600.0
0.6
5
P4KE170A
145.00
162.00
179.00
1
234.0
1.8
5
P4KE120A
102.00
114.00
126.00
1
165.0
2.5
5
P4KE250A
214.00
237.00
263.00
1
344.0
1.2
5
P4KE100A
85.50
95.00
105.00
1
137.0
3.1
5
P4KE200A
171.00
190.00
210.00
1
274.0
1.5
5
P4KE150A
128.00
143.00
158.00
1
207.0
2.0
5
P4KE350A
300.00
332.00
368.00
1
482.0
0.8
5
P4KE91A
77.80
86.50
95.50
1
125.0
3.4
5
P4KE180A
154.00
171.00
189.00
1
246.0
1.7
5
P4KE130A
111.00
124.00
137.00
1
179.0
2.3
5
P4KE300A
256.00
285.00
315.00
1
414.0
1.0
5
P4KE110A
94.00
105.00
116.00
1
152.0
2.8
5
P4KE220A
185.00
209.00
231.00
1
328.0
1.3
5
P4KE160A
136.00
152.00
168.00
1
219.0
1.9
5
P4KE400A
342.00
380.00
420.00
1
548.0
0.7
5


Similar Part No. - P4KE82A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE82A LITTELFUSE-P4KE82A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Pan Jit International I...
P4KE82A PANJIT-P4KE82A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE82A TSC-P4KE82A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Leshan Radio Company
P4KE82A LRC-P4KE82A Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Littelfuse
P4KE82A LITTELFUSE-P4KE82A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
More results

Similar Description - P4KE82A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com