Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S326TBKSKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-S326TBKSKT
Description  ROHS/ Dual color / right angle chip LED/ Side looking special for LCD backlight
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S326TBKSKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-S326TBKSKT_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S326TBKSKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics At Ta=25
°°°°C
LTST-S326TBKSKT
Parameter
Symbol
Blue
Yellow
Unit
Test Condition
MIN.
28.0
28.0
TYP.
45.0
-
Luminous Intensity
IV
MAX.
180.0
180.0
mcd
IF =20mA
Note 1
Viewing Angle
2
θ1/2
TYP.
130
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
TYP.
468.0
592.0
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
TYP.
470.0
590.0
nm
IF =20mA
Note 3
Spectral Line Half-Width
∆λ
TYP.
25
17
nm
TYP.
3.4
2.0
Forward Voltage
VF
MAX.
3.8
2.4
V
IF =20mA
Reverse Current
IR
MAX.
10
10
µA
VR = 5V
Capacitance
C
TYP.
-
40
PF
VF=0,f=1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength,λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part
No. : LTST-S326TBKSKT
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-S326TBKSKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S326TBKSKT LITEON-LTST-S326TBKSKT_15 Datasheet
918Kb / 12P
   SMD LED
More results

Similar Description - LTST-S326TBKSKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S326TGKSKT-5A LITEON-LTST-S326TGKSKT-5A Datasheet
484Kb / 11P
   ROHS/ Dual color / right angle chip LED/ Side looking special for LCD backlight
LTST-S310F3WT LITEON-LTST-S310F3WT_14 Datasheet
638Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S310F3WT-2A LITEON-LTST-S310F3WT-2A Datasheet
633Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
LTST-S220J LITEON-LTST-S220J Datasheet
316Kb / 6P
   Side looking special for LCD backlight
LTST-S270AKT LITEON-LTST-S270AKT Datasheet
308Kb / 6P
   Side looking special for LCD backlight
LTST-S220GKT LITEON-LTST-S220GKT Datasheet
303Kb / 6P
   LED for Side looking special for LCD backlight
LTST-S220KGKT LITEON-LTST-S220KGKT Datasheet
297Kb / 6P
   Side looking special for LCD backlight
LTST-S220UBKT LITEON-LTST-S220UBKT Datasheet
287Kb / 6P
   Side looking special for LCD backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com