Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-S327KGJRKT Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTST-S327KGJRKT
Description  ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S327KGJRKT Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTST-S327KGJRKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S327KGJRKT Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Notes:
1. Empty component pockets sealed with top cover tape.
2. 7 inch reel-3000 pieces per reel.
3. Minimum packing quantity is 500 pcs for remainders.
4. The maximum number of consecutive missing lamps is two.
5. In accordance with ANSI/EIA 481 specifications.
Part
No. : LTST-S327KGJRKT
Page :
8
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S327KGJRKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT_15 Datasheet
700Kb / 12P
   SMD LED
More results

Similar Description - LTST-S327KGJRKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S327KGKFKT LITEON-LTST-S327KGKFKT Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP/AlInGaP Chip LED
LTST-S326KGJRKT LITEON-LTST-S326KGJRKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327TBKFKT LITEON-LTST-S327TBKFKT Datasheet
370Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S326TBKFKT LITEON-LTST-S326TBKFKT_14 Datasheet
371Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320KSKT LITEON-LTST-S320KSKT_14 Datasheet
487Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S321KSKT-5A LITEON-LTST-S321KSKT-5A Datasheet
574Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KFKT LITEON-LTST-S220KFKT_14 Datasheet
308Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com