Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88AC2-252 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 88AC2-252
Description  Sealed, Flange Mounted
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

88AC2-252 Datasheet(HTML) 1 Page - Grayhill, Inc

  88AC2-252 Datasheet HTML 1Page - Grayhill, Inc 88AC2-252 Datasheet HTML 2Page - Grayhill, Inc 88AC2-252 Datasheet HTML 3Page - Grayhill, Inc 88AC2-252 Datasheet HTML 4Page - Grayhill, Inc 88AC2-252 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Standard Keypads
DIMENSIONS In inches (and millimeters)
SERIES 88
Sealed, Flange Mounted
3x4 Keyboard
Termination In inches (and millimeters)
3x4
Code and Truth Table
Dots in the chart indicate connected terminals
when switch is closed. Terminals are identified on
the keyboard.
3.000
± .015
(76,2
± 0,38)
2.800
± .010
(71,12
± 0,25)
.200 ± .010
(5,08 ± 0,25)
A B C
F G H
L M N
2.200 ± .015
(55,88 ± 0,38)
2.000 ± .010
(50,8 ± 0,25)
.100 (2,54)
TYP.
RETAINING
STUDS
.220 ± .010
(5,59 ± 25,4)
.100 ± .010
(2,54 ± 0,25)
BUTTON NO. 1
.093 ± .005
(2,36 ± 0,13)
DIA. 4 PLS.
C
L OF 2.200 (55,88) DIM.
1
2
3
4
5
6
7
8
9
10
11
12
CODES
3x4
Matrix
Single Pole/Common Bus
TERMINAL LOCATION
F E D K J H G
J E A K F B L G C M H D N
.500 .010
(12,7 ± 0,25)
(3 EQ. SPS)
TOL. NON-
ACCUM.
.380 (9,65)
SQ. TYP.
.750 ± .010
(19,05 ± 0,25)
1.990 + .000 - .010
(50,55 + .000 - 0,25)
.055 ± .010
(1,40 ± 0,25)
.105 ± .010
(2,67 ± 0,25)
ROW 1
ROW 2
ROW 3
ROW 4
2.690 + .000/
- .010
(68,33 + .000/
- 0,25)
SWITCH KEY
IDENTIFICATION
(FOR REF. ONLY)
.500 ± .010 (12,7 ± 0,25)
(2 EQ. SPS.) TOL. NON-
ACCUM.
.600 ± .010
(15,24 ± 0,25)
.128 ± .010
(3,25 ± 0,25)
.280 ± .010
(7,11 ± 0,25)
.025 ± .002
(0,64 ± 0,05)
SQUARE
TERMINAL
.360 ± .010
(9,14 ± 0,25)
.072
± .010
(1,83
± 0,25)
COL = COLUMN
BUTTON AREAS ARE EMBOSSED
1
2
3
4
5
6
7
8
9
10 11 12
.150 ± .005
(3,81 ± 0,13) R.
FEATURES
• Sealed Keyboard
• Colorful Graphic Overlay
• Audible, Snap-Dome Contact
• User Legendable Styles
• 3,000,000 Operations per Button
• Optional Panel Seal Gasket to
Protect Your Equipment
MATRIX TERMINAL PIN-OUT
DE F G HJ K
.100
TYP.
.600
SINGLE POLE COMMON BUS TERMINAL
ABC D E F G H J KL M N
.100
TYP.
1.200
Keypads
32


Similar Part No. - 88AC2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88AC2-252 GRAYHILL-88AC2-252 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
More results

Similar Description - 88AC2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
86JB2-101 GRAYHILL-86JB2-101 Datasheet
1Mb / 4P
   Unsealed, .500" Centers, Flange Mounted
logo
Tyco Electronics
DMI-18A MACOM-DMI-18A Datasheet
210Kb / 2P
   Flange Mounted Double-Balanced Mixers
logo
List of Unclassifed Man...
TMF ETC2-TMF Datasheet
136Kb / 1P
   EM Clutch (with flange mounted field)
logo
Grayhill, Inc
04J-BP-T01 GRAYHILL-04J-BP-T01 Datasheet
527Kb / 1P
   Sealed against contamination when properly mounted
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
   MX150L??4 Circuit Rear Mount Flange Sealed
logo
Glenair, Inc.
IT40460-10 GLENAIR-IT40460-10 Datasheet
365Kb / 1P
   Connector Mounting Gasket for Rear-Mounted Square Flange Receptacle
IT40450-10 GLENAIR-IT40450-10 Datasheet
369Kb / 2P
   Connector Mounting Gaskets for Front-Mounted Square Flange Receptacle
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
9422TEN10 SCHNEIDER-9422TEN10 Datasheet
118Kb / 2P
   Operating mechanism, flange mounted, variable depth, 100A, 600V, no fuse, switch mechanism
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com