Electronic Components Datasheet Search |
|
ECHU1H332 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECHU1H332 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 10 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC17− Plastic Film Capacitors ■Rating, Dimensions & Quantity/Reel ●Capacitance tolerance : ±2 %(G), ±5 %(J) ■Taping Specification for Automatic Mounting Refer to the page of taping specifications 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 Cap. (µF) ECHU1C101 □X5 1.6 0.8 0.7 K1 ECHU1C121 □X5 1.6 0.8 0.7 K1 ECHU1C151 □X5 1.6 0.8 0.7 K1 ECHU1C181 □X5 1.6 0.8 0.7 K1 ECHU1C221 □X5 1.6 0.8 0.7 K1 ECHU1C271 □X5 1.6 0.8 0.7 K1 ECHU1C331 □X5 1.6 0.8 0.7 K1 ECHU1C391 □X5 1.6 0.8 0.7 K1 ECHU1C471 □X5 1.6 0.8 0.7 K1 ECHU1C561 □X5 1.6 0.8 0.7 K1 ECHU1C681 □X5 1.6 0.8 0.7 K1 ECHU1C821 □X5 1.6 0.8 0.7 K1 ECHU1C102 □X5 1.6 0.8 0.7 K1 ECHU1C122 □X5 1.6 0.8 0.7 K1 ECHU1C152 □X5 1.6 0.8 0.7 K1 ECHU1C182 □X5 1.6 0.8 0.7 K1 ECHU1C222 □X5 1.6 0.8 0.7 K1 ECHU1C272 □X5 1.6 0.8 0.7 K1 ECHU1H101 □X5 2.0 1.25 0.9 J1 ECHU1H121 □X5 2.0 1.25 0.9 J1 ECHU1H151 □X5 2.0 1.25 0.9 J1 ECHU1H181 □X5 2.0 1.25 0.9 J1 ECHU1H221 □X5 2.0 1.25 0.9 J1 ECHU1H271 □X5 2.0 1.25 0.9 J1 ECHU1H331 □X5 2.0 1.25 0.9 J1 ECHU1H391 □X5 2.0 1.25 0.9 J1 ECHU1H471 □X5 2.0 1.25 0.9 J1 ECHU1H561 □X5 2.0 1.25 0.9 J1 ECHU1H681 □X5 2.0 1.25 0.9 J1 ECHU1H821 □X5 2.0 1.25 0.9 J1 ECHU1H102 □X5 2.0 1.25 0.9 J1 ECHU1H122 □X5 2.0 1.25 0.9 J1 ECHU1H152 □X5 2.0 1.25 0.9 J1 ECHU1H182 □X5 2.0 1.25 0.9 J1 ECHU1H222 □X5 2.0 1.25 0.9 J1 ECHU1H272 □X5 2.0 1.25 0.9 J1 ECHU1H332 □X5 3.2 1.6 0.9 H1 ECHU1H392 □X5 3.2 1.6 0.9 H1 ECHU1H472 □X5 3.2 1.6 0.9 H1 ECHU1H562 □X5 3.2 1.6 0.9 H1 ECHU1H682 □X5 3.2 1.6 0.9 H1 ECHU1H822 □X5 3.2 1.6 1.1 H2 ECHU1H103 □X5 3.2 1.6 1.1 H2 ECHU1H123 □X5 3.2 2.5 1.1 G1 ECHU1H153 □X5 3.2 2.5 1.1 G1 ECHU1H183 □X5 3.2 2.5 1.5 G2 ECHU1H223 □X5 3.2 2.5 1.5 G2 ECHU1H273 □X5 3.2 2.5 1.5 G2 ECHU1H333 □X5 3.2 2.5 2.1 G3 ECHU1H393 □X5 3.2 2.5 2.1 G3 ECHU1H473 □X9 4.8 3.3 1.5 E1 ECHU1H563 □X9 4.8 3.3 1.5 E1 ECHU1H683 □X9 4.8 3.3 1.5 E1 ECHU1H823 □X9 4.8 3.3 2.1 E2 ECHU1H104 □X9 4.8 3.3 2.1 E2 ECHU1H124 □X9 6.0 4.1 1.9 D1 ECHU1H154 □X9 6.0 4.1 1.9 D1 ECHU1H184 □X9 6.0 4.1 2.5 D3 ECHU1H224 □X9 6.0 4.1 2.8 D4 3000 2000 3000 2000 ECHU1C332 □X5 2.0 1.25 0.9 J1 ECHU1C392 □X5 2.0 1.25 0.9 J1 ECHU1C472 □X5 2.0 1.25 0.9 J1 ECHU1C562 □X5 2.0 1.25 0.9 J1 ECHU1C682 □X5 2.0 1.25 0.9 J1 ECHU1C822 □X5 2.0 1.25 1.1 J2 ECHU1C103 □X5 2.0 1.25 1.1 J2 ECHU1C123 □X5 3.2 1.6 0.9 H1 ECHU1C153 □X5 3.2 1.6 0.9 H1 ECHU1C183 □X5 3.2 1.6 0.9 H1 ECHU1C223 □X5 3.2 1.6 0.9 H1 ECHU1C273 □X5 3.2 1.6 1.1 H2 ECHU1C333 □X5 3.2 1.6 1.1 H2 ECHU1C393 □X5 3.2 1.6 1.5 H3 ECHU1C473 □X5 3.2 1.6 1.5 H3 ECHU1C563 □X5 3.2 2.5 1.5 G2 ECHU1C683 □X5 3.2 2.5 1.5 G2 ECHU1C823 □X5 3.2 2.5 2.1 G3 ECHU1C104 □X5 3.2 2.5 2.1 G3 3000 4000 2000 Rated volt. 16 VDC Part No. Dimensions (mm) LW H Size Code Q'ty Rated volt. 50 VDC Part No. Dimensions (mm) LW H Size Code Q'ty ↑ Cap. tol. code ↑ ■Recommended for Land Dimensions (mm) Size Code Land dimensions Reflow soldering AB C K1 0.6 2.0 0.7 J1,J2 0.8 2.4 1.1 H1,H2,H3 1.8 3.6 1.4 G1,G2,G3 1.8 3.6 2.3 E1,E2 3.0 5.6 3.0 D1,D3,D4 4.0 7.0 3.8 ❈ It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when “Recommender for Land dimensions” is adopted. p Œ ¯ ¶ ‚ P1 ‘32 12.11.14 20:49 y [ W 17 |
Similar Part No. - ECHU1H332 |
|
Similar Description - ECHU1H332 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |