Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L160F-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BR25L160F-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L160F-WE2 Datasheet(HTML) 2 Page - Rohm

  BR25L160F-WE2 Datasheet HTML 1Page - Rohm BR25L160F-WE2 Datasheet HTML 2Page - Rohm BR25L160F-WE2 Datasheet HTML 3Page - Rohm BR25L160F-WE2 Datasheet HTML 4Page - Rohm BR25L160F-WE2 Datasheet HTML 5Page - Rohm BR25L160F-WE2 Datasheet HTML 6Page - Rohm BR25L160F-WE2 Datasheet HTML 7Page - Rohm BR25L160F-WE2 Datasheet HTML 8Page - Rohm BR25L160F-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
7~13bit *1
8bit
7~13bit *1
8bit
CS
INSTRUCTION DECODE
CONTROL CLOCK
GENERATION
INSTRUCTION
REGISTER
ADDRESS
REGISTER
ADDRESS
DECODER
1K~64K
EEPROM
STATUS REGISTER
DATA
REGISTER
READ/WRITE
AMP
VOLTAGE
DETECTION
WRITE
INHIBITION
HIGH VOLTAGE
GENERATOR
SCK
SI
HOLD
WP
SO
*1 7bit : BR25L010-W
8bit : BR25L020-W
9bit : BR25L040-W
10bit : BR25L080-W
11bit : BR25L160-W
12bit : BR25L320-W
13bit : BR25L640-W
Block diagram
-0.3 ~
+6.5
Limits
-65 ~
+125
-40 ~
+85
Terminal voltage
Impressed voltage
Storage
temperature range
Parameter
Operating
temperature range
Symbol
Unit
VCC
Tstg
Topr
-0.3 ~ VCC
+0.3
Permissible
dissipation
Pd
450(SOP8)
*1
450(SOP-J8)
*2
300(SSOP-B8) *3
330(TSSOP-B8) *4
310(MSOP8)
*5
310(TSSOP-B8J) *6
Number of data rewrite times
Data hold years
Parameter
1,000,000
Min.
Limits
Typ.
Max.
Times
40
––
Years
Unit
Input / output capacity (Ta=25˚C, frequency=5MHz)
Parameter
Symbol
Conditions
Min.
Max.
Unit
Input capacity
CIN
VIN=GND
8pF
Output capacity
COUT
VOUT=GND
8pF
*1
*1
*1
*1
*1:Not 100% TESTED
*1:Not 100% TESTED
Parameter
Symbol
Limits
Min.
Typ.
Max.
Unit
Conditions
0
0.4
"L" output voltage 1
IOL=2.1mA(VCC=2.5V ~ 5.5V)
VOL1
V
IOL=150
μA(VCC=1.8V ~ 2.5V)
V
0
0.2
"L" output voltage 2
VOL2
-1
1
Input leak current
VIN=0 ~ VCC
ILI
μA
VOUT=0 ~ VCC,CS=VCC
μA
-1
1
Output leak current
ILO
0.7x
VCC
VCC
+0.3
0.3x
VCC
"H" input voltage 1
1.8
≤VCC≤5.5V
1.8
≤VCC≤5.5V
VIH1
V
2
Standby current
VCC=5.5V
CS=HOLD=WP=VCC,SCK=SI=VCC or =GND,SO=OPEN
ISB
μA
VCC
-0.5
VCC
"H" output voltage 1
IOH=-0.4mA(VCC=2.5V ~ 5.5V)
VOH1
V
VCC
-0.2
VCC
"H" output voltage 2
Current consumption at read
action
IOH=-100
μA(VCC=1.8V ~ 2.5V)
VOH2
V
1.0
Current consumption at write
action
ICC1
mA
2.0
ICC2
mA
-0.3
"L" input voltage 1
VIL1
V
VCC=1.8V,fSCK=2MHz,tE/W=5ms
Byte write
Page write
Write status register
VCC=2.5V,fSCK=5MHz,tE/W=5ms
Byte write
Page write
Write status register
3.0
ICC3
mA
VCC=5.5V,fSCK=5MHz,tE/W=5ms
Byte write
Page write
Write status register
1.5
ICC4mA
VCC=2.5V,fSCK=5MHz
Read
Read status register
2.0
ICC5
mA
VCC=5.5V,fSCK=5MHz
Read
Read status register
V
mW
˚C
˚C
V
Recommended action conditions
Memory cell characteristics (Ta=25˚C, VCC=1.8 ~ 5.5V)
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
1.8 ~ 5.5
V
Input voltage
Vin
0 ~ VCC
• Radiation resistance design is not made.
Absolute maximum ratings (Ta = 25˚C)
Electrical characteristics (Unless otherwise specified, Ta = – 40 ~ +85˚C, VCC = 1.8 ~ 5.5V)
Fig.1 Block diagram
When using at Ta = 25˚C or higher, 4.5mW (*1, *2), 3.0mW (*3),
3.3mW(*4), 3.1mW (*5, *6) to be reduced per 1˚C
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L160F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
More results

Similar Description - BR25L160F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com