Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L640F-WE2 Datasheet(PDF) 5 Page - Rohm

Part # BR25L640F-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L640F-WE2 Datasheet(HTML) 5 Page - Rohm

  BR25L640F-WE2 Datasheet HTML 1Page - Rohm BR25L640F-WE2 Datasheet HTML 2Page - Rohm BR25L640F-WE2 Datasheet HTML 3Page - Rohm BR25L640F-WE2 Datasheet HTML 4Page - Rohm BR25L640F-WE2 Datasheet HTML 5Page - Rohm BR25L640F-WE2 Datasheet HTML 6Page - Rohm BR25L640F-WE2 Datasheet HTML 7Page - Rohm BR25L640F-WE2 Datasheet HTML 8Page - Rohm BR25L640F-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
250
200
150
100
50
0
-50
0
1
2
3
4
5
6
VCC[V]
Ta=85˚C
SPEC
SPEC
Ta=25˚C
Ta= -40˚C
60
40
20
0
-20
-40
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
Ta=25˚C
Ta= -40˚C
200
150
100
50
0
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta=25˚C
300
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta=25˚C
Ta= -40˚C
150
120
90
60
30
0
-30
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
160
120
80
40
0
-40
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
Ta=25˚C
120
90
60
30
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
Ta=25˚C
10
8
6
4
2
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta= -40˚C
Ta=85˚C
120
90
60
30
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
SPEC
Ta= -40˚C
300
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
140
120
100
80
60
40
20
0
-20
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
SPEC
Ta=25˚C
Ta= -40˚C
0
1
2
3
4
5
6
VCC[V]
Ta=85˚C
Ta=25˚C
60
50
40
30
20
10
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
SPEC
Ta=25˚C
Ta= -40˚C
Ta= -40˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
Fig.21 CS setup time tCSS
Fig.22 CS hold time tCSH
Fig.23 SI setup time tDIS
Fig.24 SI hold time tDIH
Fig.25 Data output delay time tPD1(CL=100pF)
Fig.26 Data output delay time tPD2(CL=30pF)
Fig.27 Output disable time tOZ
Fig.28 HOLD setting hold time tHFH
Fig.29 HOLD release hold time tHRH
Fig.30 Time from HOLD to output High-Z tHOZ
Fig.31 Time from HOLD to output change tHPD
Fig.32 Output rise time tRO
Fig.33 Output fall time
Fig.34 Write cycle time tE/W
SPEC
Ta=25˚C
SPEC
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L640F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
More results

Similar Description - BR25L640F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com