Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L640FJ-WE2 Datasheet(PDF) 3 Page - Rohm

Part # BR25L640FJ-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L640FJ-WE2 Datasheet(HTML) 3 Page - Rohm

  BR25L640FJ-WE2 Datasheet HTML 1Page - Rohm BR25L640FJ-WE2 Datasheet HTML 2Page - Rohm BR25L640FJ-WE2 Datasheet HTML 3Page - Rohm BR25L640FJ-WE2 Datasheet HTML 4Page - Rohm BR25L640FJ-WE2 Datasheet HTML 5Page - Rohm BR25L640FJ-WE2 Datasheet HTML 6Page - Rohm BR25L640FJ-WE2 Datasheet HTML 7Page - Rohm BR25L640FJ-WE2 Datasheet HTML 8Page - Rohm BR25L640FJ-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
Fig. 2 Pin assignment diagram
Fig. 4 Input / output timing
SO is output in sync with data fall edge of SCK. Data is output
from the most significant bit MSB.
tCS
tCSH tSCKH
tPD
tOH
tRO,tFO tOZ
High-Z
CS
SCK
SI
SO
Fig. 5 HOLD timing
"H"
"L"
tHFS tHFH
tHRS tHRH
tDIS
tHPD
High-Z
tHOZ
Dn+1
Dn-1
n-1
Dn
Dn
n+1
n
CS
SCK
SI
SO
HOLD
SCK frequency
SCK high time
Parameter
Symbol
Min.
1.8
≤VCC<2.5V
Typ.
2
Max.
200
––
SCK low time
200
––
CS high time
200
––
CS setup time
CS hold time
fSCK
tSCKWH
tSCKWL
tCS
tCSS
tCSH
Min.
2.5
≤VCC<5.5V
Typ.
5
Max.
MHz
85
––
ns
85
––
ns
85
––
ns
ns
ns
Unit
200
––
200
––
90
––
SCK setup time
SCK hold time
200
––
200
––
SI setup time
40
––
SI hold time
50
––
Data output delay time 1
tSCKS
tSCKH
tDIS
tDIH
tPD1
90
––
ns
90
––
ns
20
––
ns
40
––
ns
ns
––
150
––
70
Data output delay time 2
(CL2=30pF)
Output hold time
––
145
0
––
Output disable time
––
250
HOLD setting
setup time
120
––
HOLD setting
hold time
tPD2
tOH
tOZ
tHFS
tHFH
––
55
ns
0
––
ns
––
100
ns
60
––
ns
ns
90
––
40
––
HOLD release
setup time
HOLD release
hold time
120
––
140
––
Time from HOLD
to output High-Z
––
250
Time from HOLD
to output change
––
150
SCK
rise time
tHRS
tHRH
tHOZ
tHPD
tRC
60
––
ns
70
––
ns
––
100
ns
––
70
ns
μs
––
1
––
1
SCK
fall time
OUTPUT
rise time
––
1
––
100
OUTPUT
fall time
––
100
Write time
––
5
tFC
tRO
tFO
tE/W
––
1
μs
––
50
ns
––
50
ns
––
5ms
85
––
AC measurement conditions
Load capacity 1
Load capacity 2
Parameter
Symbol
Min.
Limits
Typ.
100
Max.
pF
––
30
pF
Input rise time
––
50
ns
Input fall time
––
50
ns
Input voltage
0.2VCC/0.8VCC
V
Input / output judgment voltage
CL1
CL2
0.3VCC/0.7VCC
V
Unit
Pin assignment and description
Operating timing characteristics
(Ta = -40 ~ +85˚C, unless otherwise specified, load capacity CL1 100pF)
CS
SO
WP
GND
SI
SCK
HOLD
VCC
Serial data output
Power source to be connected
All input / output reference voltage, 0V
Chip select input
Serial clock input
SI
VCC
CS
Terminal name
GND
SO
SCK
Input/output
Function
Input
Input
Output
Hold input
Command communications may be suspended temporarily (HOLD status).
HOLD
Input
Write protect input
Write command is prohibited.
Write status register command is prohibited.
WP
Input
Input
Start bit, ope code, address, and serial data input
*1NOT 100% TESTED
BR25L010-W
BR25L020-W
BR25L040-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
*1
*1
*1
*1
Fig. 3 Input timing
tCS
tDIS
High-Z
tDIH
tRC
tFC
tCSS
tSCKS
tSCKWL tSCKWH
CS
SCK
SI
SO
SI is taken into IC inside in sync with data rise edge of SCK. Input
address and data from the most significant bit MSB.
Sync data input / output timing
*1
*1:BR25L010/020/040-W
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L640FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L640FJ-W ROHM-BR25L640FJ-W Datasheet
288Kb / 6P
   SPI BUS 64Kbit (8,192 x 8bit) EEPROM
BR25L640FJ-W ROHM-BR25L640FJ-W Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
More results

Similar Description - BR25L640FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com