Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H320FV-WE2 Datasheet(PDF) 1 Page - Rohm

Part # BR25H320FV-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H320FV-WE2 Datasheet(HTML) 1 Page - Rohm

  BR25H320FV-WE2 Datasheet HTML 1Page - Rohm BR25H320FV-WE2 Datasheet HTML 2Page - Rohm BR25H320FV-WE2 Datasheet HTML 3Page - Rohm BR25H320FV-WE2 Datasheet HTML 4Page - Rohm BR25H320FV-WE2 Datasheet HTML 5Page - Rohm BR25H320FV-WE2 Datasheet HTML 6Page - Rohm BR25H320FV-WE2 Datasheet HTML 7Page - Rohm BR25H320FV-WE2 Datasheet HTML 8Page - Rohm BR25H320FV-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
High Reliability Serial EEPROMs
SPI BUS Serial EEPROMs
BR25
□□□□family
BR25L010-W series, BR25L020-W series, BR25L040-W series, BR25L080-W series,
BR25L160-W series, BR25L320-W series, BR25L640-W series
Features
BR25L series
Capacity
Bit format
Type
BR25L010-W
BR25L640-W
BR25L040-W
BR25L020-W
BR25L160-W
BR25L080-W
BR25L320-W
Power source
voltage
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
SOP8
SOP-J8
SSOP-B8
MSOP8
TSSOP-B8J
TSSOP-B8
Page write
Number of
pages
Product
number
16 Byte
BR25L010-W
BR25L020-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
32 Byte
*1 BR25L080/160-W : SOP8, SOP-J8, SSOP-B8, TSSOP-B8
*2 BR25L320/640-W : SOP8, SOP-J8
BR25L040-W
Description
BR25L
-W series is a serial EEPROM of SPI BUS interface method.
128 X 8
256 X 8
512 X 8
1K X 8
2K X 8
4K X 8
8K X 8
1Kbit
2Kbit
4Kbit
8Kbit
16Kbit
32Kbit
64Kbit
F
FJ
FVT
FVM
FVJ
FV
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·


Similar Part No. - BR25H320FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LBH2 ROHM-BR25H320F-2LBH2 Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB_14 Datasheet
958Kb / 32P
   Operation SPI BUS EEPROM
BR25H320F-W ROHM-BR25H320F-W Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
BR25H320F-WE2 ROHM-BR25H320F-WE2 Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
More results

Similar Description - BR25H320FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com