Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H020FVM-WE2 Datasheet(PDF) 8 Page - Rohm

Part # BR25H020FVM-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H020FVM-WE2 Datasheet(HTML) 8 Page - Rohm

Back Button BR25H020FVM-WE2 Datasheet HTML 4Page - Rohm BR25H020FVM-WE2 Datasheet HTML 5Page - Rohm BR25H020FVM-WE2 Datasheet HTML 6Page - Rohm BR25H020FVM-WE2 Datasheet HTML 7Page - Rohm BR25H020FVM-WE2 Datasheet HTML 8Page - Rohm BR25H020FVM-WE2 Datasheet HTML 9Page - Rohm BR25H020FVM-WE2 Datasheet HTML 10Page - Rohm BR25H020FVM-WE2 Datasheet HTML 11Page - Rohm BR25H020FVM-WE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
By write command, data of EEPROM can be written. As for this command, set CS LOW, then input address and data
after write ope code. Then, by making CS HIGH, the EEPROM starts writing. The write time of EEPROM requires time of
tE/W (Max 5ms). During tE/W, other than status read command is not accepted. Start CS after taking the last data (D0),
and before the next SCL clock starts. At other timing, write command is not executed, and this write command is
cancelled. This IC has page write function, and after input of data for 1 byte (8 bits), by continuing data input without
starting CS, data up to 16/32*1 bytes can be written for one tE/W. In page write, the insignificant 4/5*2 bit of the
designated address is incremented internally at every time when data of 1 byte is input, and data is written to respective
addresses. When data of the maximum bytes or higher is input, address rolls over, and previously input data is
overwritten.
BR25L010/020/040-W=16 bytes at maximum
BR25L080/160/320/640-W=32 bytes at maximum
* 1
BR25L010/020/040-W=Insignificant 4 bits
BR25L080/160/320/640-W=Insignificant 5 bits
* 2
A6-A0
A7-A0
BR25L020-W
BR25L010-W
BR25L040-W
A8-A0
A9-A0
A10-A0
BR25L160-W
BR25L080-W
BR25L320-W
A11-A0
BR25L640-W
A12-A0
Product
number
Address
length
A6-A0
A7-A0
BR25L020-W
BR25L010-W
BR25L040-W
A8-A0
A9-A0
A10-A0
BR25L160-W
BR25L080-W
BR25L320-W
A11-A0
BR25L640-W
A12-A0
By read command, data of EEPROM can be read. As for this command, set CS LOW, then input address after read ope
code. EEPROM starts data output of the designated address. Data output is started from SCK fall of 15/23*1 clock, and
from D7 to D0 sequentially. This IC has increment read function. After output of data for 1 byte (8 bits), by continuing input
of SCK, data of the next address can be read. Increment read can read all the addresses of EEPROM. After reading data
of the most significant address, by continuing increment read, data of the most insignificant address is read.
BR25L010/020/040-W=15 clocks
BR25L080/160/320/640-W=23 clocks
* 1
Fig. 37 Read command (BR25L010/020/040-W)
Fig. 38 Read command (BR25L080/160/320/640-W)
0
00
0
0
0
0
11
A12
**
*
A1
A0
12
3
4
5
6
7
8
23
24
30
CS
SCK
SI
SO
D6
D7
D0
D1
D2
High-Z
Fig.39 Write command (BR25L010/020/040-W)
Fig.40 Write command (BR25L080/160/320/640-W)
0
00
00
0
00
1
A1
A12
A0
D7
D6
1
2
3
4
5
6
7
8
23
24
30
31
CS
SCK
SI
SO
D2
D1
D0
High-Z
* =Don't care
* =Don't care
* =Don't care
*
*
*
3. Write command (WRITE)
2. Read command (READ)
0
00
0
0
0
11
A4
A5
A6
A7
* 1
A1
A0
12
3
4
5
6
7
8
9
10
11
14
15
16
17
22
CS
SCK
SI
SO
D6
D7
D0
D1
D2
High-Z
BR25L010/020-W=Don't care
BR25L040-W=A8
* 1
0
00
00
0
0
1
A4
A5
A6
A7
A1
A0
D7
D6
1
2
3
4
5
6
7
8
15
16
22
23
CS
SCK
SI
SO
D2
D1
D0
High-Z
BR25L010/020-W=Don't care
BR25L040-W=A8
* 1
* 1
Product
number
Address
length
Product
number
Address
length
Product
number
Address
length
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25H020FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020FVM-2CE2 ROHM-BR25H020FVM-2CE2 Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FVM-2CTR ROHM-BR25H020FVM-2CTR Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FVM-5ACTR ROHM-BR25H020FVM-5ACTR Datasheet
1Mb / 44P
   Serial EEPROM Series for Automotive EEPROM 125 °C Operation SPI BUS EEPROM for Automotive
12.Jan.2022 Rev.001
More results

Similar Description - BR25H020FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com