Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT821054PQFG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IDT821054PQFG
Description  QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IDT821054PQFG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IDT821054PQFG Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 10Page - List of Unclassifed Manufacturers IDT821054PQFG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
IDT821054 QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
INDUSTRIAL TEMPERATURE RANGE
1
PIN DESCRIPTION
Name
Type
Pin Number
Description
GNDA1
GNDA2
GNDA3
GNDA4
Ground
50
54
59
63
Analog Ground.
All ground pins should be connected together.
GNDD
Ground
21
Digital Ground.
All digital signals are referred to this pin.
VDDA12
VDDA34
Power
52
61
+5 V Analog Power Supply.
These pins should be connected to ground via a 0.1 µF capacitor. All power supply pins should be
connected together.
VDDD
Power
24
+5 V Digital Power Supply.
VDDB
Power
57
+5 V Analog Power Supply.
This pin should be connected to ground via a 0.1 µF capacitor. All power supply pins should be connected
together.
CNF
56
Capacitor Noise Filter.
This pin should be connected to ground via a 0.22 µF capacitor.
VIN1-4
I
49, 55, 58, 64
Analog Voice Inputs of Channel 1-4.
These pins should be connected to the corresponding SLIC via a 0.22 µF capacitor.
VOUT1-4
O
51, 53, 60, 62
Voice Frequency Receiver Outputs of Channel 1-4.
These pins can drive 300
Ω AC load. It can drive transformers directly.
SI1_(1-4)
SI2_(1-4)
I
36, 47, 2, 13
35, 48, 1, 14
SLIC Signalling Inputs with debounce function for Channel 1-4.
SB1_(1-4)
SB2_(1-4)
SB3_(1-4)
I/O
39, 44, 5, 10
38, 45, 4, 11
37, 46, 3, 12
Bi-directional SLIC Signalling I/Os for Channel 1-4.
These pins can be individually programmed as input or output.
SO1_(1-4)
SO2_(1-4)
O
41, 42, 7, 8
40, 43, 6, 9
SLIC Signalling Outputs for Channel 1-4.
DX1
O26
Transmit PCM Data Output, PCM Highway One.
Transmit PCM Data to PCM highway one. This pin is a tri-state output pin.
DX2
O29
Transmit PCM Data Output, PCM Highway Two.
Transmit PCM Data to PCM highway two. This pin is a tri-state output pin.
DR1
I27
Receive PCM Data Input, PCM Highway One.
The PCM data is received from PCM highway one (DR1) or two (DR2). The receive PCM highway is
selected by local register LREG6.
DR2
I30
Receive PCM Data Input, PCM Highway Two.
The PCM data is received from PCM highway one (DR1) or two (DR2). The receive PCM highway is
selected by local register LREG6.
FS
I31
Frame Synchronization.
FS is an 8 kHz synchronization clock that identifies the beginning of the PCM frame.
BCLK
I32
Bit Clock.
This pin clocks out the PCM data to DX1 or DX2 pin and clocks in PCM data from DR1 or DR2 pin. It may
vary from 512 kHz to 8.192 MHz and should be synchronous to FS.
TSX1
TSX2
0
25
28
Transmit Output Indicator.
The TSX1 pin becomes low when PCM data is transmitted via DX1. Open-drain.
The TSX2 pin becomes low when PCM data is transmitted via DX2. Open-drain.


Similar Part No. - IDT821054PQFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT821054PQFG RENESAS-IDT821054PQFG Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results

Similar Description - IDT821054PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com