Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L640FVM-WE2 Datasheet(PDF) 9 Page - Rohm

Part # BR25L640FVM-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L640FVM-WE2 Datasheet(HTML) 9 Page - Rohm

Back Button BR25L640FVM-WE2 Datasheet HTML 5Page - Rohm BR25L640FVM-WE2 Datasheet HTML 6Page - Rohm BR25L640FVM-WE2 Datasheet HTML 7Page - Rohm BR25L640FVM-WE2 Datasheet HTML 8Page - Rohm BR25L640FVM-WE2 Datasheet HTML 9Page - Rohm BR25L640FVM-WE2 Datasheet HTML 10Page - Rohm BR25L640FVM-WE2 Datasheet HTML 11Page - Rohm BR25L640FVM-WE2 Datasheet HTML 12Page - Rohm BR25L640FVM-WE2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
Write status register command can write status register data. The data the can be written by this command are 2 bits *1,
that is, BP1 (bit3) and BP0 (bit2) among 8 bits of status register. By BP1 and BP0, write disable block of EEPROM can be
set. As for this command, set CS LOW, and input ope code of write status register, and input data. Then, by making CS
HIGH, EEPROM starts writing. Write time requires time of tE/W as same as write. As for CS rise, start CS after taking the
last data bit (bit0), and before the next SCK clock starts. At other timing, command is cancelled. Write disable block is
determined by BP1 and BP0, and the block can be selected from 1/4 of memory array, 1/2, and entire memory array.
(Refer to the write disable block setting table.) To the write disabled block, write cannot be made, and only read can be
made.
Fig.41 Status register write command (BR25L010/020/040-W)
0
00
00
0
*
0
1
BP1 BP0
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
**
*
*
*
*
* =Don't care
Fig.42 Status register write command (BR25L080/160/320/640-W)
0
00
0
0
0
0
0
1
BP1 BP0
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
**
*
*
*
WPEN
* =Don't care
Fig.43 Status register read command (BR25L010/020/040-W)
0
00
00
0
11
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
BP1
1
11
1
BP0 WEN
R/B
*
* =Don't care
Fig.44 Status register read command (BR25L080/160/320/640-W)
00
00
0
0
1
1
High-Z
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
BP1 BP0
WEN
WPEN
00
0
R/B
SI
SO
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
4. Status register write / read command
* 3 bits including BR25L080, 160, 320, 640-W WPEN (bit7)
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L640FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L640FVM-W ROHM-BR25L640FVM-W Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
More results

Similar Description - BR25L640FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com