Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM93260 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM93260
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM93260 Datasheet(HTML) 3 Page - International Rectifier

  IRHM93260 Datasheet HTML 1Page - International Rectifier IRHM93260 Datasheet HTML 2Page - International Rectifier IRHM93260 Datasheet HTML 3Page - International Rectifier IRHM93260 Datasheet HTML 4Page - International Rectifier IRHM93260 Datasheet HTML 5Page - International Rectifier IRHM93260 Datasheet HTML 6Page - International Rectifier IRHM93260 Datasheet HTML 7Page - International Rectifier IRHM93260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHM9260, JANSR2N7426
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100K Rads(Si)1
300K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
-200
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage ➃
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
-100
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
- 25
-25
µA
VDS= -160V, VGS =0V
RDS(on)
Static Drain-to-Source ➃
0.154
0.154
VGS = -12V, ID =-17A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source ➃
0.160
0.160
VGS = -12V, ID = -17A
On-State Resistance (TO-254)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part number IRHM9260
2. Part number IRHM93260
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage ➃
-3.3
-3.3
V
VGS = 0V, IS = -27A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Radiation Characteristics
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS
=0V @V
GS
=5V @V
GS
=10V
@V
GS
=15V
@V
GS
=20V
Cu
28.0
285
43.0
-200
-200
-200
-200
Br
36.8
305
39.0
-200
-200
-125
-75
-250
-200
-150
-100
-50
0
0
5
10
15
20
VGS
Cu
Br


Similar Part No. - IRHM93260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM93250 IRF-IRHM93250 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
More results

Similar Description - IRHM93260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com