Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM9260 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM9260
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9260 Datasheet(HTML) 2 Page - International Rectifier

  IRHM9260 Datasheet HTML 1Page - International Rectifier IRHM9260 Datasheet HTML 2Page - International Rectifier IRHM9260 Datasheet HTML 3Page - International Rectifier IRHM9260 Datasheet HTML 4Page - International Rectifier IRHM9260 Datasheet HTML 5Page - International Rectifier IRHM9260 Datasheet HTML 6Page - International Rectifier IRHM9260 Datasheet HTML 7Page - International Rectifier IRHM9260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHM9260, JANSR2N7426
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.28
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.160
VGS = -12V, ID = -17A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
13
S ( )VDS > -15V, IDS = -17A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -160V ,VGS=0V
-250
VDS = -160V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
300
VGS =-12V, ID = -27A
Qgs
Gate-to-Source Charge
60
nC
VDS = -100V
Qgd
Gate-to-Drain (‘Miller’) Charge
70
td(on)
Turn-On Delay Time
37
VDD = -100V, ID = -27A
tr
Rise Time
83
RG = 2.35Ω
td(off)
Turn-Off Delay Time
140
tf
Fall Time
172
LS + LD
Total Inductance
6.8
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
6220
VGS = 0V, VDS = -25V
Coss
Output Capacitance
903
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
150
nA
nH
ns
µA
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
0.50
RthCS
Case-to-Sink
0.21
°C/W
RthJA
Junction-to-Ambient
48
Typical socket mount
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-27
ISM
Pulse Source Current (Body Diode) ➀
-108
VSD
Diode Forward Voltage
-3.3
V
Tj = 25°C, IS = -27A, VGS = 0V ➃
trr
Reverse Recovery Time
600
ns
Tj = 25°C, IF = -27A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
10
µCVDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A


Similar Part No. - IRHM9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
125Kb / 8P
   Simple Drive Requirements
IRHM9260 IRF-IRHM9260_15 Datasheet
125Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHM9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com